データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB2321T14 データシート(PDF) 2 Page - TAITRON Components Incorporated

部品番号 CB2321T14
部品情報  1.0A Surface Mount Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

CB2321T14 データシート(HTML) 2 Page - TAITRON Components Incorporated

  CB2321T14 Datasheet HTML 1Page - TAITRON Components Incorporated CB2321T14 Datasheet HTML 2Page - TAITRON Components Incorporated CB2321T14 Datasheet HTML 3Page - TAITRON Components Incorporated CB2321T14 Datasheet HTML 4Page - TAITRON Components Incorporated CB2321T14 Datasheet HTML 5Page - TAITRON Components Incorporated CB2321T14 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.0A Surface Mount Bridge Rectifier
Rev. A/AH 2007-12-20
CB2321T12 – CB2321T110
www.taitroncomponents.com
Page 2 of 6
Fig.1- Forward Current Derating Curve
Ambient Temperature (°C)
Fig.2-Max. Non-repetitive
Peak Forward Surge Current
Number of Cycles at 60Hz
Symbol
Description
CB2321
T12
CB2321
T14
CB2321
T16
CB2321
T18
CB2321
T110
Unit
Conditions
5
TC = 25°C
IR
Max. DC Reverse Current
at Rated DC Blocking
Voltage per element
200
μA
TC = 150°C
I²t
I²t Rating for Fusing
(t<8.3ms)
3.74
A²s
CJ
Typical Junction
Capacitance per element
25
pF
F=1MHz
VR= 4V
RthJA
Typical Thermal
Resistance, Junction to
Ambient
110
° C/W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +175
° C
Note: 1. Thermal resistance, junction to ambient, measured on PC board with 5.0mm² (0.03mm thick)
land areas
Typical Characteristics Curves


同様の部品番号 - CB2321T14

メーカー部品番号データシート部品情報
logo
Marktech Corporate
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
logo
Chip Integration Techno...
CB230WSG-ST CITC-CB230WSG-ST Datasheet
155Kb / 4P
   2A Trench Schottky Rectifier
logo
Marktech Corporate
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
More results

同様の説明 - CB2321T14

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
DF005S TAITRON-DF005S Datasheet
194Kb / 5P
   1.0A Surface Mount Bridge Rectifier
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TS120S ZSELEC-TS120S Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Zibo Seno Electronic En...
KMB12F ZSELEC-KMB12F Datasheet
389Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DF005S SHUNYE-DF005S Datasheet
100Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com