データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7805D-XX-BL データシート(PDF) 5 Page - TAITRON Components Incorporated

部品番号 LM7805D-XX-BL
部品情報  1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7805D-XX-BL データシート(HTML) 5 Page - TAITRON Components Incorporated

  LM7805D-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM7805D-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1A Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78xx
www.taitroncomponents.com
Page 5 of 12
For LM7809 (VIN=15V, IOUT=0.5A, C1=0.33µF, CO =0.1µF)
LM7809
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
8.64
9.0
9.36
V
IOUT=5mA-1.0A
VOUT
Output Voltage
8.55
-
9.45
V
11.5V≤VIN≤24V, IOUT=5mA-1.0A
-
-
90
mV
IOUT=5mA-1.0A
∆VOUT
Load Regulation
-
-
45
mV
IOUT=0.25A-0.75A
-
-
90
mV
11.5V≤VIN≤25V
∆VOUT
Line Regulation
-
-
90
mV
11.5V≤VIN≤24V, IOUT=1.0A
IQ
Quiescent Current
-
-
8.0
mA
IOUT≦1.0A
-
-
1.0
mA
11.5V≤VIN≤24V
∆IQ
Quiescent Current Change
-
-
0.5
mA
IOUT=5mA-1.0A
eN
Output Noise Voltage
-
58
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-1.1
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
56
72
-
dB
12.5V≤VIN≤22.5V, f=120Hz
IPEAK
Peak Output Current
-
1.8
-
A
-
ISC
Short-Circuit Current
-
250
-
mA
VIN=35V
VD
Dropout Voltage
-
2.0
-
V
-
For LM7810 (VIN=16V, IOUT=0.5A, C1=0.33µF, CO =0.1µF)
LM7810
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
9.60
10.0
10.40
V
IOUT=5mA-1.0A
VOUT
Output Voltage
9.50
-
10.50
V
12.5V≤VIN≤25V, IOUT=5mA-1.0A
-
-
100
mV
IOUT=5mA-1.0A
∆VOUT
Load Regulation
-
-
50
mV
IOUT=0.25A-0.75A
-
-
100
mV
13V≤VIN≤25V
∆VOUT
Line Regulation
-
-
100
mV
13V≤VIN≤25V, IOUT=1.0A
IQ
Quiescent Current
-
-
8.0
mA
IOUT≦1.0A
-
-
1.0
mA
12.6V≤VIN≤25V
∆IQ
Quiescent Current Change
-
-
0.5
mA
IOUT=5mA-1.0A
eN
Output Noise Voltage
-
58
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-1.1
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
56
72
-
dB
13V≤VIN≤23V, f=120Hz
IPEAK
Peak Output Current
-
1.8
-
A
-
ISC
Short-Circuit Current
-
250
-
mA
VIN=35V
VD
Dropout Voltage
-
2.0
-
V
-


同様の部品番号 - LM7805D-XX-BL

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
LM7805D-85-RG30 TAITRON-LM7805D-85-RG30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
LM7805D-85-TR30 TAITRON-LM7805D-85-TR30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
More results

同様の説明 - LM7805D-XX-BL

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com