データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7805T-XX-BL データシート(PDF) 3 Page - TAITRON Components Incorporated

部品番号 LM7805T-XX-BL
部品情報  1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7805T-XX-BL データシート(HTML) 3 Page - TAITRON Components Incorporated

  LM7805T-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM7805T-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1A Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78xx
www.taitroncomponents.com
Page 3 of 12
Absolute Maximum Ratings
Symbol
Description
Ratings
Unit
VOUT=3.3~18V
35
VIN
Input Voltage
VOUT=20~24V
40
V
IOUT
Output Current
1
A
D-PACK (TO-252)
PD
Power Dissipation
TO-220
Internally Limited
mW
TJ
Junction Temperature
150
TOPR
Operating Temperature Range
-20 ~ 150
° C
TSTG
Storage Temperature Range
-55 ~ 150
° C
Note: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
The device could be damaged beyond Absolute maximum ratings.
2. The maximum steady state usable output current are dependent on input voltage, heat sinking,
lead length of the package and copper pattern of PCB. The data are showed as electrical
characteristics table represents pulse test conditions with junction temperatures specified at
the initiation of test.
Electrical Characteristics (TJ=25° C, PD≦15W, unless otherwise specified)
For LM7805 (VIN=10V, IOUT=0.5A, C1=0.33µF, CO =0.1µF)
LM7805
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
4.80
5.0
5.20
V
IOUT=5mA-1.0A
VOUT
Output Voltage
4.75
-
5.25
V
7.5V≤VIN≤20V, IOUT=5mA-1.0A
-
-
50
mV
IOUT=5mA-1.0A
∆VOUT
Load Regulation
-
-
25
mV
IOUT=0.25A-0.75A
-
-
50
mV
7V≤VIN≤25V
∆VOUT
Line Regulation
-
-
50
mV
7.5V≤VIN≤20V, IOUT=1.0A
IQ
Quiescent Current
-
-
8.0
mA
IOUT≦1.0A
-
-
1.0
mA
7.5V≤VIN≤20V
∆IQ
Quiescent Current Change
-
-
0.5
mA
IOUT=5mA-1.0A
eN
Output Noise Voltage
-
40
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-0.6
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
62
80
-
dB
8V≤VIN≤18V, f=120Hz
IPEAK
Peak Output Current
-
1.8
-
A
-
ISC
Short-Circuit Current
-
250
-
mA
VIN=35V
VD
Dropout Voltage
-
2.0
-
V
-


同様の部品番号 - LM7805T-XX-BL

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
LM7805T-85-RG30 TAITRON-LM7805T-85-RG30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
LM7805T-85-TR30 TAITRON-LM7805T-85-TR30 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
More results

同様の説明 - LM7805T-XX-BL

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com