データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358MS8-XX-TU データシート(PDF) 3 Page - TAITRON Components Incorporated

部品番号 LM358MS8-XX-TU
部品情報  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358MS8-XX-TU データシート(HTML) 3 Page - TAITRON Components Incorporated

  LM358MS8-XX-TU Datasheet HTML 1Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 2Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 3Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 4Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM358MS8-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dual Operational Amplifier
Rev. A/DX 2007-06-04
LM358
www.taitroncomponents.com
Page 3 of 11
Absolute Maximum Ratings
Symbol
Description
Ratings
Unit
VCC
Supply Voltage
±16
V
VI(DIFF)
Differential Input Voltage
±32
V
VI
Input Voltage
-0.3 ~ +32
V
-
Output Short to Ground
Continuous
-
TSSOP-8
200
MSSOP-8
200
SOP-8
280
PD
Power
Dissipation
Dip-8
500
mW
TJ
Junction Temperature
125
° C
TOPR
Operating Temperature Range
0 ~ +70
° C
TSTG
Storage Temperature Range
-65~ +150
° C
Note: Absolute maximum ratings are those beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Electrical Characteristics (VCC=5.0V, VEE=GND, TA=25ºC unless noted otherwise)
LM358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VI(OFF)
Input Offset Voltage
-
2.9
7
mV
VCM=0V to VCC-1.5V
VO(P)=1.4V,RS=0
VI(CM)
Input Common Mode
Voltage
0
-
VCC-1.5
V
VCC=30V
VI(DIFF)
Differential Input Voltage
-
-
VCC
V
-
26
-
-
VCC=30V, RL=2KΩ
VO(H)
27
28
-
V
VCC=30V, RL=10KΩ
VO(L)
Output Voltage Swing
-
5
20
mV
VCC=5V, RL≥10KΩ
GV
Large Singnal Voltage Gain
25
100
-
V/mV
VCC=15V, RL2KΩ
VO(P)=1V ~11V


同様の部品番号 - LM358MS8-XX-TU

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM358M NSC-LM358M Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
Fairchild Semiconductor
LM358M FAIRCHILD-LM358M Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Estek Electronics Co. L...
LM358M ESTEK-LM358M Datasheet
201Kb / 2P
   Dual Operational Amplifiers
logo
Texas Instruments
LM358M TI-LM358M Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358M TI1-LM358M Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
More results

同様の説明 - LM358MS8-XX-TU

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com