データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358BP8-XX-TU データシート(PDF) 3 Page - TAITRON Components Incorporated

部品番号 LM358BP8-XX-TU
部品情報  Dual Low Offset Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358BP8-XX-TU データシート(HTML) 3 Page - TAITRON Components Incorporated

  LM358BP8-XX-TU Datasheet HTML 1Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 2Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 3Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 4Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM358BP8-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dual Low Offset Operational Amplifier
Rev. A/DX 2007-06-04
LM358A LM358B
www.taitroncomponents.com
Page 3 of 10
Absolute Maximum Ratings (Note1)
Symbol
Description
LM358A
LM358B
Unit
VCC
Power Supply Voltage
±18
V
VI(DIFF)
Differential Input Voltage
40
V
VI
Input Voltage
-0.3 ~ +40
V
SOP-8
550
PD
Power
Dissipation
DIP-8
830
mW
TJ
Junction Temperature
150
° C
TOPR
Operating Temperature Range
-40 ~ +85
° C
TSTG
Storage Temperature Range
-65 ~ +150
° C
TL
Lead Temperature (Soldering 10s)
260
° C
Electrical Characteristics
(VCC=5.0V, VEE=GND, TA=25ºC, -40° C to 85° C (Note2) unless noted otherwise)
LM358A
LM358B
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
VIO
Input Offset Voltage
-
2.0
5.0
-
2.0
3.0
mV
VO=1.4V,RS=0
VCC=5V to 30V
∆VIO/T
Average Temperature
Coefficient of Input Offset
Voltage
-
7.0
-
-
7.0
-
µV/°
C
TA=-40 to 85° C
IBIAS
Input Bias Current
-
20
200
-
-
200
nA
IIN+ or IIN-, VCM=0V
IIO
Input Offset Current
-
5
30
-
-
100
nA
IIN+ or IIN-, VCM=0V
VIR
Input Common Mode Voltage
(Note3)
0
-
VCC
-1.5
0
-
VCC
-1.5
V
VCC=30V
-
0.7
2.0
-
0.7
2.0
TA=-40 to 85° C RL=∞,
VCC=30V
ICC
Power Supply Current
-
0.5
1.2
-
0.5
1.2
mA
TA=-40 to 85° C RL=∞,
VCC=5V


同様の部品番号 - LM358BP8-XX-TU

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM358BP NSC-LM358BP Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
LM358BPX NSC-LM358BPX Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
More results

同様の説明 - LM358BP8-XX-TU

メーカー部品番号データシート部品情報
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com