データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358S8-XX-AR データシート(PDF) 1 Page - TAITRON Components Incorporated

部品番号 LM358S8-XX-AR
部品情報  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358S8-XX-AR データシート(HTML) 1 Page - TAITRON Components Incorporated

  LM358S8-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LM358S8-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. A/DX 2007-06-04
LM358
Dual Operational Amplifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 13
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Dual Operational Amplifier
General Description
• The LM358 series consists of two independent high gain,
internally frequency compensated operational amplifiers.
It can be operated from a single power supply and also
split power supplies.
• The LM358 is available in SOP-8, DIP-8, TSSOP-8 and
MSOP-8 packages
Features
Applications
• Internally frequency compensated for unity gain
• Wide power supply range 3V - 32 V
• Input common-mode voltage range include ground
• Large DC voltage gain: 100dB Typical
• RoHS Compliance
Ordering Information
DIP-8
SOP-8
MSOP-8
• Battery Charger
• Cordless Telephone
• Switching Power Supply
TSSOP-8


同様の部品番号 - LM358S8-XX-AR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
STMicroelectronics
LM358S STMICROELECTRONICS-LM358S Datasheet
286Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Diodes Incorporated
LM358S-13 DIODES-LM358S-13 Datasheet
255Kb / 14P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358SN ONSEMI-LM358SN Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
LM358SNG ONSEMI-LM358SNG Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
More results

同様の説明 - LM358S8-XX-AR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com