データシートサーチシステム |
|
SMAJ5.0CA データシート(PDF) 1 Page - TAITRON Components Incorporated |
|
SMAJ5.0CA データシート(HTML) 1 Page - TAITRON Components Incorporated |
1 / 6 page Rev. D/AH 2007-08-01 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Page 1 of 6 Tel: (800)-247-2232 (800)-TAITRON (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 SMAJ5.0A~170CA 400W Surface Mount Transient Voltage Suppressor Features Stand-off voltage from 5.0 to 170 volts 400W Peak Pulse Power capability on 10/1000 µs waveform repetition rate(duty cycle): 0.01% Ideal for ESD protection of data lines in accordance with IEC 1000-4-2 (IEC801-2) Ideal for EFT protection of data lines in accordance with IEC 1000-4-4 (IEC801-4) Fast response time: typically less than 1.0ps from 0v to VBR Low incremental surge resistance, excellent clamping capability Typical IR less than 1 uA above 10V High temperature soldering guaranteed: 250°C/10 seconds at terminals This series is UL recognized under component index. File number E315008 RoHS Compliant Maximum Ratings (T Ambient=25ºC unless noted otherwise) Symbol Description Value Unit Conditions V WM Stand-Off Voltage 5.0 to 170 V PPPM Peak Pulse Power Dissipation on 10/1000 us waveform Minimum 400 W Non-repetitive current pulse IPPM Peak Pulse current on 10/1000 us waveform See Table A Non-repetitive current pulse PM(AV) Steady State Power Dissipation 1.0 W At TL(Lead Temperature)=75°C (Note 1) IFSM Peak Forward Surge Current 40.0 A 8.3ms single half sine-wave superimposed on rated load (uni-direction only), TL=75°C V F Maximum Instantaneous Forward Voltage 3.5 V 8.3ms single half sine-wave (uni-direction only), TL=75°C TJ,TSTG Operating Junction and Storage Temperature Range -55 to 150 ° C Note: (1) Mounted on copper pad area of 0.2" x 0.2" (5.0mmx5.0mm). SMA |
同様の部品番号 - SMAJ5.0CA |
|
同様の説明 - SMAJ5.0CA |