データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ51A データシート(PDF) 4 Page - TAITRON Components Incorporated

部品番号 SMAJ51A
部品情報  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMAJ51A データシート(HTML) 4 Page - TAITRON Components Incorporated

  SMAJ51A Datasheet HTML 1Page - TAITRON Components Incorporated SMAJ51A Datasheet HTML 2Page - TAITRON Components Incorporated SMAJ51A Datasheet HTML 3Page - TAITRON Components Incorporated SMAJ51A Datasheet HTML 4Page - TAITRON Components Incorporated SMAJ51A Datasheet HTML 5Page - TAITRON Components Incorporated SMAJ51A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2007-08-01
www.taitroncomponents.com
Page 4 of 6
SMAJ5.0A~170CA
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Ambient Temperature Ta (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Curr.
P/N
Device
Marking
Code
Stand-Off
Voltage
V BR
Max.
Clamping
Vltg. @
IPPM
Max.
Peak Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
µA)
SMAJ100A
SMAJ100CA
RZ
ZZ
100
111
123
162.0
2.5
SMAJ110A
SMAJ110CA
SE
VE
110
122
135
177.0
2.3
SMAJ120A
SMAJ120CA
SG
VG
120
133
147
193.0
2.1
SMAJ130A
SMAJ130CA
SK
VK
130
144
159
1.0
209.0
1.9
1.0
SMAJ150A
SMAJ150CA
SM
VM
150
167
185
243.0
1.6
SMAJ160A
SMAJ160CA
SP
VP
160
178
197
259.0
1.5
SMAJ170A
SMAJ170CA
SR
VR
170
189
209
1.0
275.0
1.4
1.0
Note: 1. For parts with suffix A, the V BR is +/- 5%.
2. For Bi-directional type having VWM of 10V or less, the ID limit is double.
Typical Characteristics Curves


同様の部品番号 - SMAJ51A

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMAJ51A SOCAY-SMAJ51A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ51A JGD-SMAJ51A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ51A SOCAY-SMAJ51A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MERITEK ELECTRONICS COR...
SMAJ51A MERITEK-SMAJ51A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMAJ51A DYELEC-SMAJ51A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

同様の説明 - SMAJ51A

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com