データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ60A データシート(PDF) 3 Page - TAITRON Components Incorporated

部品番号 SMAJ60A
部品情報  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMAJ60A データシート(HTML) 3 Page - TAITRON Components Incorporated

  SMAJ60A Datasheet HTML 1Page - TAITRON Components Incorporated SMAJ60A Datasheet HTML 2Page - TAITRON Components Incorporated SMAJ60A Datasheet HTML 3Page - TAITRON Components Incorporated SMAJ60A Datasheet HTML 4Page - TAITRON Components Incorporated SMAJ60A Datasheet HTML 5Page - TAITRON Components Incorporated SMAJ60A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2007-08-01
www.taitroncomponents.com
Page 3 of 6
SMAJ5.0A~170CA
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
P/N
Device
Marking
Code
Stand-Off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
µA)
SMAJ18A
SMAJ18CA
BT
XT
18
20.0
22.1
29.2
13.7
SMAJ20A
SMAJ20CA
BV
XV
20
22.2
24.5
32.4
12.3
SMAJ22A
SMAJ22CA
BX
XX
22
24.4
26.9
35.5
11.3
SMAJ24A
SMAJ24CA
BZ
XZ
24
26.7
29.5
1.0
38.9
10.3
1.0
SMAJ26A
SMAJ26CA
CE
YE
26
28.9
31.9
42.1
9.5
SMAJ28A
SMAJ28CA
CG
YG
28
31.1
34.4
45.4
8.8
SMAJ30A
SMAJ30CA
CK
YK
30
33.3
36.8
48.4
8.3
SMAJ33A
SMAJ33CA
CM
YM
33
36.7
40.6
1.0
53.3
7.5
1.0
SMAJ36A
SMAJ36CA
CP
YP
36
40.0
44.2
58.1
6.9
SMAJ40A
SMAJ40CA
CR
YR
40
44.4
49.1
64.5
6.2
SMAJ43A
SMAJ43CA
CT
YT
43
47.8
52.8
69.4
5.8
SMAJ45A
SMAJ45CA
CV
YV
45
50.0
55.3
1.0
72.7
5.5
1.0
SMAJ48A
SMAJ48CA
CX
YX
48
53.3
58.9
77.4
5.2
SMAJ51A
SMAJ51CA
CZ
YZ
51
56.7
62.7
82.4
4.9
SMAJ54A
SMAJ54CA
RE
ZE
54
60.0
66.3
87.1
4.6
SMAJ58A
SMAJ58CA
RG
ZG
58
64.4
71.2
1.0
93.6
4.3
1.0
SMAJ60A
SMAJ60CA
RK
ZK
60
66.7
73.7
96.8
4.1
SMAJ64A
SMAJ64CA
RM
ZM
64
71.1
78.6
103.0
3.9
SMAJ70A
SMAJ70CA
RP
ZP
70
77.8
86.0
113.0
3.5
SMAJ75A
SMAJ75CA
RR
ZR
75
83.3
92.1
1.0
121.0
3.3
1.0
SMAJ78A
SMAJ78CA
RT
ZT
78
86.7
95.8
126.0
3.2
SMAJ85A
SMAJ85CA
RV
ZV
85
94.4
104
137.0
2.9
SMAJ90A
SMAJ90CA
RX
ZX
90
100
111
1.0
146.0
2.7
1.0


同様の部品番号 - SMAJ60A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ60A JGD-SMAJ60A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ60A LITTELFUSE-SMAJ60A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DIYI Electronic Technol...
SMAJ60A DYELEC-SMAJ60A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

同様の説明 - SMAJ60A

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com