データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMA-6542PF データシート(PDF) 3 Page - CUI INC

部品番号 CMA-6542PF
部品情報  electret condenser microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

CMA-6542PF データシート(HTML) 3 Page - CUI INC

  CMA-6542PF Datasheet HTML 1Page - CUI INC CMA-6542PF Datasheet HTML 2Page - CUI INC CMA-6542PF Datasheet HTML 3Page - CUI INC CMA-6542PF Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
page
date
DESCRIPTION: electret condenser microphone
3 of 4
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CMA-6542PF
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +70°C for
72 hours.
low temp. test
After being placed in a chamber at -20°C for
72 hours.
humidity test
After being placed in a chamber at +40°C and
90±5% relative humidity for 240 hours.
temp. cycle test
The part shall be subjected to 10 cycles. One
cycle will consist of:
evaluation standard
The part will be measured after
being placed at +25°C for 6
hours. After any tests, the
sensitivity should be within ±3dB
compared to the initial
measurement.
MECHANICAL CHARACTERISTICS
item
test condition
soldering heat resistance
Lead terminals are immersed in solder bath of
260 ±5°C for 2 ±0.5 seconds.
terminal mechanical
Apply to the terminal 0.5kg for 1 minute
strength
vibration
The part will be measured after applying a
vibration amplitude of 1.5 mm with 10 to 55 Hz
band of vibration frequency to each of the
3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
1 m onto a 20 mm thick wooden board 3 times
in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
No interference in operation.
No damage or cutting off.
After any tests, the sensitivity
should be within ±3dB compared
to the initial measurement.
TEST CONDITIONS
standard test condition
a) temperature: +5 ~ +35°C
b) humidity: 45 - 85%
c) pressure: 860-1060 mbar
judgement test condition
a) temperature: +25 ±2°C
b) humidity: 60 - 70%
c) pressure: 860-1060 mbar


同様の部品番号 - CMA-6542PF

メーカー部品番号データシート部品情報
logo
CUI Devices
CMA-6542PF CUID-CMA-6542PF Datasheet
832Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

同様の説明 - CMA-6542PF

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com