データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA06-600B データシート(PDF) 2 Page - SemiWell Semiconductor

部品番号 BTA06-600B
部品情報  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIWELL [SemiWell Semiconductor]
ホームページ  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BTA06-600B データシート(HTML) 2 Page - SemiWell Semiconductor

  BTA06-600B Datasheet HTML 1Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 2Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 3Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 4Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 5Page - SemiWell Semiconductor BTA06-600B Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
1.0
mA
VTM
Peak On-State Voltage
IT = 8 A, Inst. Measurement
1.5
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
20
mA
I -GT1
──
20
I -GT3
──
20
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.5
V
V-GT1
──
1.5
V-GT3
──
1.5
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -3.0 A/ms,
VD=2/3 VDRM
5.0
──
V/㎲
IH
Holding Current
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.8
°C/W
BTA06-600B
2/6


同様の部品番号 - BTA06-600B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
List of Unclassifed Man...
BTA06-600B ETC1-BTA06-600B Datasheet
645Kb / 6P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA06-600B STMICROELECTRONICS-BTA06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA06-600B JIEJIE-BTA06-600B Datasheet
578Kb / 5P
   6A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA06-600B TGS-BTA06-600B Datasheet
93Kb / 1P
   6A TRIACS
More results

同様の説明 - BTA06-600B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com