データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


743C043101XP データシート(Datasheet) 4 Page - CTS Corporation

部品番号. 743C043101XP
部品情報  Chip Resistor Arrays
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo 

   
 4 page
background image
Page 4 of 5
February 2008
CTS Electronic Components
www.ctscorp.com
A
B
C
D
Recommended Land Patterns
Environmental Performance Specifications
Max. Delta R
Test
740
741
742-746
Test Description
Thermal Cycle
1.00% 1.00% 1.00%
5 Cycles -55°C to +125°C
Short Time Overload
2.00% 2.50% 1.00%
2½ X Rated Working Voltage for 5 Seconds
Moisture Resistance
2.00% 5.00% 2.00%
240 Hours 10% rated load, -10°C to +65°C, 90% R.H.
High Temperature Exposure 3.00% 1.00% 1.00%
1000 Hours, no load, +125°C
Load Life
3.00% 5.00% 2.00%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
1.00% 2.50% 1.00%
10 Seconds @ 260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
DIMENSIONS mm/in
SERIES
A
B
C
D
0.60
0.50
0.30
0.30
740
0.023
0.019
0.012
0.012
1.00
0.65
0.33
0.50
741X043
0.039
0.026
0.013
0.020
1.00
0.50
0.30
0.50
741X083
0.039
0.020
0.012
0.020
1.00
0.50
0.28
0.50
741C083
0.039
0.020
0.011
0.020
1.60
0.50
0.30
0.80
741X163
0.063
0.020
0.012
0.031
1.60
0.80
0.50
0.90
742
0.063
0.032
0.020
0.035
2.00
1.27
0.80
1.00
743
0.079
0.050
0.031
0.051
3.20
1.27
0.80
1.00
744
0.126
0.050
0.031
0.039
3.20
1.27
0.90
1.30
745
0.126
0.050
0.035
0.039
1.65
0.64
0.35
0.80
746
0.065
0.025
0.014
0.032




Html ページ

1  2  3  4  5 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
BCNThick Film Chip Resistor Arrays 1 2 3 4 5 MoreBi technologies
WNCRChip Resistor Arrays 1 2 Welwyn Components Limited
NRSNChip Resistor Arrays/Networks 1 2 3 NIC-Components Corp.
RL2512JThick Film Chip Resistor Low Ohmic 1 2 3 4 5 MoreTAITRON Components Incorporated
KTR10_1Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
BB1110RCResistor capacitor network Thick film resistors Ceramic chip capacitors 1 2 Bi technologies
ACAC0612Flat Chip Resistor Array 1 2 3 4 5 Vishay Siliconix
PFCHFHigh Frequency Chip Resistor Terminators 1 2 3 Welwyn Components Limited
MNR02_1Chip resistor networks 1 2 3 4 5 MoreRohm
EXBV8V472JV_1Chip Resistor Array 1 2 3 4 5 Panasonic Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl