データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV7219M5 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LMV7219M5
部品情報  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219M5 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV7219M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 9Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 10Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 11Page - National Semiconductor (TI) LMV7219M5 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Crystal Oscillator
A simple crystal oscillator using the LMV7219 is shown
below. Resistors R1 and R2 set the bias point at the com-
parator’s non-inverting input. Resistors R3, R4 and C1 sets
the inverting input node at an appropriate DC average level
based on the output. The crystal’s path provides resonant
positive feedback and stable oscillation occurs. The output
duty cycle for this circuit is roughly 50%, but it is affected by
resistor tolerances and to a lesser extent by the comparator
offset.
IR Receiver
The LMV7219 is an ideal candidate to be used as an infrared
receiver. The infrared photo diode creates a current relative
to the amount of infrared light present. The current creates a
voltage across RD. When this voltage level cross the voltage
applied by the voltage divider to the inverting input, the
output transitions.
10105424
FIGURE 5. Crystal Oscillator
10105425
FIGURE 6. IR Receiver
www.national.com
10


同様の部品番号 - LMV7219M5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV7219M5 NSC-LMV7219M5 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Texas Instruments
LMV7219M5 TI1-LMV7219M5 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
LMV7219M5 TI1-LMV7219M5 Datasheet
1Mb / 27P
[Old version datasheet]   LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
LMV7219M5/NOPB TI1-LMV7219M5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LMV7219M5X NSC-LMV7219M5X Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
More results

同様の説明 - LMV7219M5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
LMV7219 TI1-LMV7219_16 Datasheet
1Mb / 27P
[Old version datasheet]   LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com