データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3814M-7.0 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3814M-7.0
部品情報  Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3814M-7.0 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3814M-7.0 Datasheet HTML 6Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 7Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 8Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 9Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 10Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 11Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 12Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 13Page - National Semiconductor (TI) LM3814M-7.0 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PWM Output and Current Accuracy
OFFSET
The PWM output is quantized to 128 levels. Therefore, the
duty cycle can change only in increments of 1/128.
There is a one-half (0.5) quantization cycle delay in the
output of the PWM circuitry. That is to say that instead of a
duty cycle of N/128, the duty cycle actually is (N+12)/128.
The quantization error can be corrected for if a more precise
result is desired. To correct for this error, simply subtract
1/256 from the measured duty cycle.
The extra half cycle delay will show up as a DC offset of 12
bit if it is not corrected for. An offset of 12 bit is 8 times larger
than for precision mode parts, and results in approximately
8.8 mA for a 1 Amp part is 88 mA for a 7 Amp part.
JITTER
In addition to quantization, the duty cycle will contain some
jitter. The jitter is quite small (for example, the standard
deviation of jitter is only 0.1% for the LM3814/15-1.0). Sta-
tistically the jitter can cause an error in a current sample.
Because the jitter is a random variable, the mean and stan-
dard deviation are used. The mean, or average value, of the
jitter is zero. The standard deviation (0.1%) can be used to
define the peak error caused from jitter.
The "crest factor" has often been used to define the maxi-
mum error caused by jitter. The crest factor defines a limit
within which 99.7% of the samples fall. The crest factor is
defined as ±0.3% error in the duty cycle.
Since the jitter is a random variable, averaging multiple
outputs will reduce the effective jitter. Obeying statistical
laws, the jitter is reduced by the square root of the number of
readings that are averaged. For example, if four readings of
the duty cycle are averaged, the resulting jitter (and crest
factor) are reduced by a factor of two.
JITTER AND NOISE
Jitter in the PWM output appears as noise in the current
measurement. The Electrical Characteristics show noise
measured in current RMS (root mean square). Arbitrarily one
could specify PWM jitter, as opposed to noise. In either case
the effect results in a random error in an individual current
measurement.
Noise, just like jitter, can be reduced by averaging many
readings. The RMS value of the noise corresponds to one
standard deviation. The "crest factor" can be calculated in
terms of current, and is equal to ±3 sigma (RMS value of the
noise).
Noise will also be reduced by averaging multiple readings,
and follows the statistical laws of a random variable.
ACCURACY OF 7A VERSIONS
The graph of Figure 7 shows two possible responses to a 7A
current step. The flat response shows basically a 7A level
with some noise. This is what is possible with a good thick
trace and a good thermal connection to the IC on the sense
pins.
The second trace that asymptotically approaches a higher
value shows what can happen under extremely poor thermal
conditions. Here a very small wire connects the IC to the
current source. The very small wire does not allow heat in
the sense resistor to dissipate. Hence, as the sense resistor
heats up, a temperature difference between the sense ele-
ment and the die gets larger, and an error develops. Even-
tually the temperature difference reaches steady state,
which accounts for the under-damped exponential response.
ACCURACY VERSUS NOISE
The graph shown in Figure 8 illustrates the typical response
of ±1 Ampere current gauges. In this graph, the horizontal
axis indicates time, and the vertical axis indicates measured
current (the PWM duty cycle has been converted to current).
The graph was generated for an actual current of 500 mA.
The difference between successive readings manifests itself
as jitter in the PWM output or noise in the current measure-
ment (when duty cycle of the PWM output is converted to
current).
The accuracy of the measurement depends on the noise in
the current waveform. The accuracy can be improved by
averaging several outputs. Although there is variation in
successive readings, a very accurate measurement can be
obtained by averaging the readings. For example, on aver-
aging the readings shown in this example, the average
current measurement is 497.5 mA (Figure 8). This value is
very close to the actual value of 500 mA. Moreover, the
accuracy depends on the number of readings that are aver-
aged.
10101323
FIGURE 7. Transient Response to 7 Amp Step Current
10101325
FIGURE 8. Typical Response of LM3814-1.0/LM3815-1.0
www.national.com
11


同様の部品番号 - LM3814M-7.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3814M-7.0 NSC-LM3814M-7.0 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
More results

同様の説明 - LM3814M-7.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3812 NSC-LM3812 Datasheet
258Kb / 14P
   Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
   4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
   Integrated Current Sense Element
Rev 0; 10/17
logo
Semtech Corporation
SC1403 SEMTECH-SC1403_04 Datasheet
560Kb / 31P
   Mobile Multi-Output PWM Controller with Lossless Current Sense
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
   Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com