データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD0710 データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FOD0710
部品情報  High CMR, 25Mbit/sec Logic Gate Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0710 データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD0710 Datasheet HTML 4Page - Fairchild Semiconductor FOD0710 Datasheet HTML 5Page - Fairchild Semiconductor FOD0710 Datasheet HTML 6Page - Fairchild Semiconductor FOD0710 Datasheet HTML 7Page - Fairchild Semiconductor FOD0710 Datasheet HTML 8Page - Fairchild Semiconductor FOD0710 Datasheet HTML 9Page - Fairchild Semiconductor FOD0710 Datasheet HTML 10Page - Fairchild Semiconductor FOD0710 Datasheet HTML 11Page - Fairchild Semiconductor FOD0710 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD0721, FOD0720, FOD0710 Rev. 1.0.7
10
Carrier Tape Specification
Reflow Profile
User Direction of Feed
3.5 ± 0.2
8.3 ± 0.1
0.3 MAX
6.4 ± 0.2
5.2 ± 0.2
12.0 ± 0.3
5.5 ± 0.05
1.75 ± 0.10
Ø1.5 MIN
8.0 ± 0.1
2 ± 0.05
4.0 ± 0.1
Ø1.5 + 0.1/-0
0.1 MAX
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
Temperature
(
°C)
Time (s)
0
60
180
120
270
260
°C
>245
°C = 42 Sec
Time above
183
°C = 90 Sec
360
1.822
°C/Sec Ramp up rate
33 Sec


同様の部品番号 - FOD0710

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD0710 FAIRCHILD-FOD0710 Datasheet
626Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
More results

同様の説明 - FOD0710

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD0721 FAIRCHILD-FOD0721_10 Datasheet
626Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2411-300E AVAGO-HCPL-2411-300E Datasheet
2Mb / 6P
   20 m baud high cmr logic gate optocoupler
logo
Skyworks Solutions Inc.
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
   Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com