データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC164SJ データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74VHC164SJ
部品情報  8-Bit Serial-In, Parallel-Out Shift Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC164SJ データシート(HTML) 3 Page - Fairchild Semiconductor

  74VHC164SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC164SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of circuits outside databook specifications.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 3: Parameter guaranteed by design.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to + 7.0V
DC Output Voltage (VOUT)
−0.5V to V
CC + 0.5V
DC Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/GND Current (ICC)
±75 mA
Storage Temperature (TSTG)
−65°C to +150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VCC)
2.0V to 5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 3.3V ± 0.3V
0 ns/V
∼ 100 ns/V
VCC = 5.0V ± 0.5V
0 ns/V
∼ 20 ns/V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.50
1.50
V
Voltage
3.0
− 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input
2.0
0.50
0.50
V
Voltage
3.0
− 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
VIN = VIH
IOH = −50 µA
Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH = −4 mA
4.5
3.94
3.80
IOH = −8 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
VIN = VIH
IOL = 50 µA
Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL = 4 mA
4.5
0.36
0.44
IOL = 8 mA
IIN
Input Leakage
0
− 5.5
±0.1
±1.0
µA
VIN = 5.5V or GND
Current
ICC
Quiescent Supply
5.5
4.0
40.0
µA
VIN = VCC or GND
Current
Symbol
Parameter
VCC
(V)
TA = 25°C
Units
Conditions
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.5
0.8
V
CL = 50 pF
(Note 3)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
−0.5
0.8
V
CL = 50 pF
(Note 3)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL = 50 pF
(Note 3)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL = 50 pF
(Note 3)
Dynamic Input Voltage


同様の部品番号 - 74VHC164SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC164SJ FAIRCHILD-74VHC164SJ Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
ON Semiconductor
74VHC164SJ ONSEMI-74VHC164SJ Datasheet
326Kb / 10P
   8-Bit Serial-In, Parallel-Out Shift Register
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHC164SJX FAIRCHILD-74VHC164SJX Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
More results

同様の説明 - 74VHC164SJ

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com