データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB9NC60 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STB9NC60
部品情報  N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NC60 データシート(HTML) 10 Page - STMicroelectronics

Back Button STB9NC60 Datasheet HTML 2Page - STMicroelectronics STB9NC60 Datasheet HTML 3Page - STMicroelectronics STB9NC60 Datasheet HTML 4Page - STMicroelectronics STB9NC60 Datasheet HTML 5Page - STMicroelectronics STB9NC60 Datasheet HTML 6Page - STMicroelectronics STB9NC60 Datasheet HTML 7Page - STMicroelectronics STB9NC60 Datasheet HTML 8Page - STMicroelectronics STB9NC60 Datasheet HTML 9Page - STMicroelectronics STB9NC60 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STB9NC60 / STPBNC60-1
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2001 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


同様の部品番号 - STB9NC60

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB9NB50 STMICROELECTRONICS-STB9NB50 Datasheet
93Kb / 8P
   N - CHANNEL ENHANCEMENT MODE Power MESH MOSFET
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
logo
VBsemi Electronics Co.,...
STB9NB60 VBSEMI-STB9NB60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
572Kb / 12P
   N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
June 2002
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
580Kb / 13P
   N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
More results

同様の説明 - STB9NC60

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
   N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
   N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com