データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD12NF06L データシート(PDF) 2 Page - STMicroelectronics

部品番号 STD12NF06L
部品情報  N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06L データシート(HTML) 2 Page - STMicroelectronics

  STD12NF06L Datasheet HTML 1Page - STMicroelectronics STD12NF06L Datasheet HTML 2Page - STMicroelectronics STD12NF06L Datasheet HTML 3Page - STMicroelectronics STD12NF06L Datasheet HTML 4Page - STMicroelectronics STD12NF06L Datasheet HTML 5Page - STMicroelectronics STD12NF06L Datasheet HTML 6Page - STMicroelectronics STD12NF06L Datasheet HTML 7Page - STMicroelectronics STD12NF06L Datasheet HTML 8Page - STMicroelectronics STD12NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD12NF06L
2/10
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
Rthj-case
Rthj-amb
Tl
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
Max
Max
Typ
5
100
275
°C/W
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 100°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
12
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 6 A
VGS = 5 V
ID = 6 A
0.08
0.10
0.10
0.12
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS =25 V
ID =6 A
7S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
350
75
30
pF
pF
pF


同様の部品番号 - STD12NF06L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06L-1 STMICROELECTRONICS-STD12NF06L-1 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD12NF06L-1 DOINGTER-STD12NF06L-1 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD12NF06L-1 VBSEMI-STD12NF06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
More results

同様の説明 - STD12NF06L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD10PF06-1 STMICROELECTRONICS-STD10PF06-1 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06_09 Datasheet
341Kb / 14P
   N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com