データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD16NE10 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STD16NE10
部品情報  N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE10 データシート(HTML) 2 Page - STMicroelectronics

  STD16NE10 Datasheet HTML 1Page - STMicroelectronics STD16NE10 Datasheet HTML 2Page - STMicroelectronics STD16NE10 Datasheet HTML 3Page - STMicroelectronics STD16NE10 Datasheet HTML 4Page - STMicroelectronics STD16NE10 Datasheet HTML 5Page - STMicroelectronics STD16NE10 Datasheet HTML 6Page - STMicroelectronics STD16NE10 Datasheet HTML 7Page - STMicroelectronics STD16NE10 Datasheet HTML 8Page - STMicroelectronics STD16NE10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
Rthj-ca se
Rthj -am b
Rthc-si nk
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
3.0
100
1.5
275
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max,
δ <1%)
16
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =30 V)
75
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
100
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
2
34V
RDS( on)
St atic Drain-source On
Resistance
VGS =10V
ID =8 A
0. 07
0.1
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on) max
VGS =10 V
16
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on)max
ID =8 A
5
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1600
180
50
2100
250
70
pF
pF
pF
STD16NE10
2/9


同様の部品番号 - STD16NE10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD16NE10LT4 STMICROELECTRONICS-STD16NE10LT4 Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
More results

同様の説明 - STD16NE10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
   N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
   N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STP20NE10 STMICROELECTRONICS-STP20NE10 Datasheet
81Kb / 8P
   N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET??POWER MOSFET
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
   N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com