データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD16NE10L データシート(PDF) 3 Page - STMicroelectronics

部品番号 STD16NE10L
部品情報  N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE10L データシート(HTML) 3 Page - STMicroelectronics

  STD16NE10L Datasheet HTML 1Page - STMicroelectronics STD16NE10L Datasheet HTML 2Page - STMicroelectronics STD16NE10L Datasheet HTML 3Page - STMicroelectronics STD16NE10L Datasheet HTML 4Page - STMicroelectronics STD16NE10L Datasheet HTML 5Page - STMicroelectronics STD16NE10L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay T ime
Rise Time
VDD =50 V
ID =8 A
RG =4.7
VGS =4.5 V
(Resistive Load, see fig. 3)
40
80
ns
ns
Qg
Q gs
Qgd
Tot al G ate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD =80 V ID =16 A VGS =5 V
24
5.5
11
32
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay T ime
Fall T ime
VDD =50 V
ID =8 A
RG =4.7
VGS =4.5 V
(Resistive Load, see fig. 3)
45
12
ns
ns
tr(Voff)
tf
tc
Off -volt age Rise T ime
Fall T ime
Cross-over Time
VDD =80 V
I D =16 A
RG =4.7
VGS =4.5 V
(Induct ive Load, see fig. 5)
12
17
35
ns
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain Current
(pulsed)
16
64
A
A
VSD (
∗)Forward On Voltage
ISD =16 A
VGS =0
1. 5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 16 A
di/dt = 100 A/
µs
VDD =40 V
Tj =150
oC
(see t est circuit, f ig. 5)
100
300
6
ns
nC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STD16NE10L
3/6


同様の部品番号 - STD16NE10L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
   N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
More results

同様の説明 - STD16NE10L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
   N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
   N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
   N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com