データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8228 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8228
部品情報  Low Gain Drift Precision Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8228 データシート(HTML) 3 Page - Analog Devices

  AD8228 Datasheet HTML 1Page - Analog Devices AD8228 Datasheet HTML 2Page - Analog Devices AD8228 Datasheet HTML 3Page - Analog Devices AD8228 Datasheet HTML 4Page - Analog Devices AD8228 Datasheet HTML 5Page - Analog Devices AD8228 Datasheet HTML 6Page - Analog Devices AD8228 Datasheet HTML 7Page - Analog Devices AD8228 Datasheet HTML 8Page - Analog Devices AD8228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8228
Rev. 0 | Page 3 of 24
SPECIFICATIONS
GAIN = 10
VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, all specifications referred to input, unless otherwise noted.
Table 2.
Conditions
A Grade
B Grade
Parameter
(Gain = 10)
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
CMRR DC to 60 Hz with 1 kΩ
Source Imbalance
VCM = −10 V to +10 V
94
100
dB
CMRR at 2 kHz
VCM = −10 V to +10 V
90
100
dB
NOISE
VIN+ = VIN− = VREF = 0 V
Voltage Noise
f = 1 kHz
15
15
nV/√Hz
f = 0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Current Noise
f = 1 kHz
40
40
fA/√Hz
f = 0.1 Hz to 10 Hz
6
6
pA p-p
VOLTAGE OFFSET
Referred to input,
VS = ±5 V to ±15 V
Offset
90
50
μV
Over Temperature
T = −40°C to +85°C
180
100
μV
Average TC
T = −40°C to +85°C
1.5
0.8
μV/°C
Offset vs. Supply (PSR)
104
120
106
120
dB
INPUT CURRENT
Input Bias Current
0.5
1.5
0.4
0.6
nA
Over Temperature
T = −40°C to +85°C
2.0
1
nA
Average TC
T = −40°C to +85°C
1
1
pA/°C
Input Offset Current
0.2
0.6
0.1
0.4
nA
Over Temperature
T = −40°C to +85°C
0.8
0.6
nA
Average TC
T = −40°C to +85°C
1
1
pA/°C
REFERENCE INPUT
RIN
20
20
IIN
VIN+ = VIN− = VREF = 0 V
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ± 0.0001
1 ± 0.0001
V/V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
650
650
kHz
Settling Time 0.01%
10 V step
6
6
μs
Settling Time 0.001%
10 V step
9
9
μs
Slew Rate
2
2.5
2
2.5
V/μs
GAIN
VOUT = −10 V to +10 V
Gain Error
0.07
0.02
%
Gain Nonlinearity
RL = 10 kΩ
3
10
3
10
ppm
RL = 2 kΩ
3
10
3
10
ppm
Gain vs. Temperature
1
10
1
2
ppm/°C
INPUT
Input Impedance
Differential
100||2
100||2
GΩ||pF
Common Mode
100||2
100||2
GΩ||pF
Input Operating Voltage Range1
VS = ±2.3 V to ±5 V
−VS + 1.9
+VS − 1.1
−VS + 1.9
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
Input Operating Voltage Range1
VS = ±5 V to ±18 V
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
V
Over Temperature
T = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V


同様の部品番号 - AD8228

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8228 AD-AD8228 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8228 AD-AD8228 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8228 AD-AD8228 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

同様の説明 - AD8228

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
   Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com