データシートサーチシステム |
|
380LX223M035K052 データシート(PDF) 2 Page - Cornell Dubilier Electronics |
|
380LX223M035K052 データシート(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 12 page CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In V Terminal Standoff Pin Dimensions Outline Drawings Two Pins 380L/LX (22 through 40mm diameter) Four Pins 382L/LX (35 and 40mm diameter) Five Pins 382L/382LX (40 and 50mm diameter) Notes: * Use dummy terminals for mechanical support only. Make no electrical connection because they resistively connect through the electrolyte to the negative terminal. ** Safety Vent may be on the bottom or on the side of the can. Connection Terminal 40 mm Dia. 50 mm Dia. A dummy negative (–) B dummy dummy C positive (+) positive (+) D dummy positive (+) – negative (–) negative (–) |
同様の部品番号 - 380LX223M035K052 |
|
同様の説明 - 380LX223M035K052 |