データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM5202ARWZ2 データシート(PDF) 7 Page - Analog Devices

部品番号 ADUM5202ARWZ2
部品情報  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM5202ARWZ2 データシート(HTML) 7 Page - Analog Devices

Back Button ADUM5202ARWZ2 Datasheet HTML 3Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 4Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 5Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 6Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 7Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 8Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 9Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 10Page - Analog Devices ADUM5202ARWZ2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Preliminary Technical Data
ADuM5200/5201/5202
Rev. PrA | Page 7 of 23
ELECTRICAL CHARACTERISTICS – 5V PRIMARY INPUT SUPPLY / 3.3V SECONDARY ISOLATED SUPPLY1
4.5 V ≤ VDD1 ≤ 5.5 V, VSEL= GNDISO, all voltages are relative to their respective ground. All min/max specifications apply over the entire
recommended operating range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD = 5.0 V, VISO = 3.3 V, VSEL=
GNDISO.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Setpoint
VISO
3.0
3.3
3.6
V
IISO=0mA
Line Regulation
VISO(LINE)
1
mV/V
IISO=50mA, VDD1=4.5V to 5.5V
Load Regulation
VISO(LOAD)
1
5
%
IISO = 10mA to 100mA
Output Ripple
VISO(RIP)
50
mVP-P
20MHz Bandwidth, CBO=0.1
μF ║ 10μF,
IISO = 90mA
Output Noise
VISO(N)
130
mVP-P
20MHz Bandwidth, CBO=0.1
μF ║ 10μF,
IISO = 90mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
DC to 2 Mbps Data Rate2
Maximum Output Supply Current3
IISO(max)
100
mA
f ≤ 1 MHz, VISO=3.0V
Efficiency At Max. Output Supply Current4
30
%
IISO = IISO(2,max), f
≤ 1 MHz
IDD1 Supply Current, No VISO load5
IDD1(Q)
9
13
mA
IISO = 0mA, f
≤ 1 MHz
25 Mbps Data Rate (CRWZ Grade Only)
IDD1 Supply Current, No VISO Load6
ADuM5200
IDD1(D)
22
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
ADuM5201
IDD1(D)
25
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
ADuM5202
IDD1(D)
27
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
Available VISO Supply Current7
ADuM5200
IISO(LOAD)
96
mA
CL=15pF, f
= 12.5 MHz
ADuM5201
IISO(LOAD)
95
mA
CL=15pF, f
= 12.5 MHz
ADuM5202
IISO(LOAD)
93
mA
CL=15pF, f
= 12.5 MHz
IDD1 Supply Current, Full VISO load8
IDD1(Max)
230
mA
CL=0pF, f
= 0 MHz, VDD = 5V,
IISO=100mA
Input Currents
IIA, IIB
−10
+0.01
+10
μA
Logic High Input Threshold
VIH
0.7 VISO
V
Logic Low Input Threshold
VIL
0.3 VISO
V
Logic High Output Voltages
VOAH, VOBH
VDD1 − 0.2,
VISO − 0.2
5.0
V
IOx = −20 μA, VIx = VIxH
VOAH, VOBH
VDD1 − 0.5,
V1SO − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
VOAL, VOBL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
AC SPECIFICATIONS
ADuM520xARWZ
Minimum Pulse Width9
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate10
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay11
tPHL, tPLH
60
100
ns
CL = 15 pF, CMOS signal levels
Pulse-Width Distortion, |tPLH − tPHL|11
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew12
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching13
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
ADuM520xCRWZ
Minimum Pulse Width13
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate14
25
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay15
tPHL, tPLH
45
60
ns
CL = 15 pF, CMOS signal levels


同様の部品番号 - ADUM5202ARWZ2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5202ARWZ AD-ADUM5202ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

同様の説明 - ADUM5202ARWZ2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23