データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX272M063H032 データシート(PDF) 9 Page - Cornell Dubilier Electronics

部品番号 380LX272M063H032
部品情報  High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX272M063H032 データシート(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 380LX272M063H032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 10Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 11Page - Cornell Dubilier Electronics 380LX272M063H032 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz 20 kHz
(mm)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
680 380LX681M200J032
0.270
0.120
2.70
3.80
25 x 35
390 380LX391M250K012
0.510
0.260
1.90
2.70
30 x 25
680 380LX681M200K022
0.270
0.120
2.70
3.80
30 x 30
470 380LX471M250H452
0.390
0.155
2.10
3.00
22 x 45
820 380LX821M200J452
0.220
0.100
2.90
4.10
25 x 45
470 380LX471M250J032
0.390
0.155
2.10
3.00
25 x 35
820 380LX821M200K022
0.220
0.100
2.90
4.10
30 x 30
470 380LX471M250K012
0.353
0.141
2.10
3.00
30 x 25
820 380LX821M200A012
0.243
0.124
2.90
4.10
35 x 25
560 380LX561M250J042
0.326
0.130
2.30
3.20
25 x 40
1000 380LX102M200J452
0.199
0.090
3.25
4.55
25 x 45
560 380LX561M250K022
0.326
0.130
2.30
3.20
30 x 30
1000 380LX102M200K032
0.199
0.090
3.25
4.55
30 x 35
560 380LX561M250A012
0.326
0.130
2.30
3.20
35 x 25
1000 380LX102M200A022
0.199
0.102
3.30
4.60
35 x 30
680 380LX681M250J452
0.268
0.107
2.50
3.50
25 x 45
1200 380LX122M200K042
0.166
0.075
3.50
4.90
30 x 40
680 380LX681M250K032
0.268
0.107
2.50
3.50
30 x 35
1200 380LX122M200A022
0.166
0.075
3.50
4.90
35 x 30
680 380LX681M250A022
0.293
0.149
2.50
3.50
35 x 30
1500 380LX152M200K452
0.144
0.072
3.87
5.42
30 x 45
820 380LX821M250K042
0.222
0.089
2.80
3.90
30 x 40
1500 380LX152M200A032
0.144
0.072
3.87
5.42
35 x 35
820 380LX821M250A022
0.222
0.089
2.80
3.90
35 x 30
1800 380LX182M200K052
0.120
0.060
4.32
6.05
30 x 50
1000 380LX102M250K452
0.182
0.073
3.32
4.65
30 x 45
1800 380LX182M200A042
0.120
0.060
4.32
6.05
35 x 40
1000 380LX102M250A032
0.182
0.073
3.32
4.65
35 x 35
2200 380LX222M200A452
0.098
0.054
4.92
6.89
35 x 45
1200 380LX122M250A042
0.166
0.083
3.53
4.94
35 x 40
2200 382LX222M200N042
0.098
0.054
4.92
6.89
40 x 40
1500 380LX152M250A052
0.133
0.068
4.00
5.70
35 x 50
2700 380LX272M200A062
0.080
0.045
5.50
7.70
35 x 63
1500 382LX152M250N042
0.133
0.066
4.04
5.66
40 x 40
2700 382LX272M200N052
0.080
0.045
5.40
7.60
40 x 50
1800 380LX182M250A062
0.110
0.055
4.50
6.30
35 x 63
3300 380LX332M200A082
0.065
0.037
6.40
9.00
35 x 80
1800 382LX182M250N052
0.110
0.055
4.50
6.30
40 x 50
3300 382LX332M200N062
0.065
0.037
6.30
8.90
40 x 63
1800 382L182M250N062
0.062
0.030
4.80
6.40
40 x 63
3900 380LX392M200A082
0.055
0.030
6.60
9.25
35 x 80
2200 380LX222M250A062
0.090
0.045
4.70
6.60
35 x 63
3900 382LX392M200N062
0.055
0.030
6.80
9.50
40 x63
2200 380LX222M250A082
0.090
0.045
4.90
6.90
35 x 80
3900 382LX392M200B052V 0.055
0.030
8.22
9.45
50 x 50
2200 382LX222M250N062
0.090
0.045
4.90
6.90
40 x 63
4700 382LX472M200N082
0.046
0.025
8.38
11.73
40 x 80
2700 380LX272M250A082
0.074
0.037
5.60
7.90
35 x 80
4700 382LX472M200B062V 0.046
0.025
9.32
13.05
50 x 63
2700 382LX272M250N062
0.074
0.037
5.80
8.10
40 x 63
5600 380LX562M200A102
0.038
0.021
8.90
12.46
35 x 105
2700 382L272M250N082
0.043
0.021
6.30
8.40
40 x 80
6800 382LX682M200N102
0.032
0.017
8.65
12.11
40 x 105
2700 382LX272M250B052V 0.074
0.037
6.77
7.79
50 x 50
6800 382LX682M200B082V 0.032
0.017
11.41
15.97
50 x 80
3300 382LX332M250N082
0.060
0.030
7.00
9.80
40 x 80
7500 382LX752M200B092V 0.029
0.016
12.28
17.19
50 x 92
3300 382LX332M250B062V 0.060
0.030
7.79
10.91
50 x 63
8200 382LX822M200B102V 0.026
0.014
13.16
18.42
50 x 105
3900 380LX392M250A102
0.051
0.026
7.47
10.46
35 x 105
250 Vdc (300 Vdc Surge)
3900 382LX392M250N082
0.051
0.026
7.35
10.30
40 x 80
120 380LX121M250H202
1.658
0.846
.50
.60
22 x 20
4700 382LX472M250N102
0.042
0.021
8.88
12.43
40 x 105
120 380LX121M250H012
1.520
0.610
.71
1.00
22 x 25
4700 382LX472M250B082V 0.042
0.021
9.65
13.51
50 x 80
150 380LX151M250H012
1.220
0.490
.90
1.25
22 x 25
5600 382LX562M250B092V 0.036
0.018
10.80
15.12
50 x 92
150 380LX151M250J202
1.326
0.530
.70
.90
25 x 20
6800 382LX682M250B102V 0.029
0.015
12.16
17.02
50 x 105
180 380LX181M250H012
0.920
0.370
1.10
1.50
22 x 25
315 Vdc (365 Vdc Surge)
220 380LX221M250H012
0.754
0.301
1.17
1.64
22 x 25
100 380LX101M315H012
1.989
1.015
.90
1.30
22 x 25
220 380LX221M250K202
0.830
0.330
.90
1.20
30 x 20
120 380LX121M315H022
1.658
0.856
1.00
1.40
22 x 30
270 380LX271M250H022
0.620
0.250
1.30
1.80
22 x 30
120 380LX121M315J012
1.658
0.856
1.00
1.40
25 x 25
270 380LX271M250J012
0.620
0.250
1.30
1.80
25 x 25
150 380LX151M315H022
1.326
0.677
1.10
1.60
22 x 30
330 380LX331M250H032
0.550
0.220
1.80
2.50
22 x 35
150 380LX151M315J012
1.326
0.677
1.10
1.60
25 x 25
330 380LX331M250J022
0.550
0.220
1.80
2.50
25 x 30
180 380LX181M315H032
1.105
0.546
1.20
1.70
22 x 35
330 380LX331M250K012
0.550
0.220
1.80
2.50
30 x 25
180 380LX181M315J022
1.105
0.546
1.20
1.70
25 x 30
330 380LX331M250A202
0.550
0.220
1.10
1.50
35 x 20
180 380LX181M315K012
1.105
0.546
1.20
1.70
30 x 25
390 380LX391M250H042
0.510
0.260
1.90
2.70
22 x 40
220 380LX221M315H042
0.904
0.461
1.40
2.00
22 x 40
390 380LX391M250J022
0.468
0.187
1.91
2.67
25 x 30
220 380LX221M315J032
0.904
0.461
1.40
2.00
25 x 35


同様の部品番号 - 380LX272M063H032

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX272M063H042 CDE-380LX272M063H042 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX272M063H042 CDE-380LX272M063H042 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX272M063H032

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
Illinois Capacitor, Inc...
107LBA500M2DC ILLINOISCAPACITOR-107LBA500M2DC Datasheet
105Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBA350M2BC ILLINOISCAPACITOR-127LBA350M2BC Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
127LBB400M2BD ILLINOISCAPACITOR-127LBB400M2BD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com