データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LQ682M050J042 データシート(PDF) 3 Page - Cornell Dubilier Electronics

部品番号 381LQ682M050J042
部品情報  Compact, High-Ripple Snap-in Smaller for Same Capacitance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ682M050J042 データシート(HTML) 3 Page - Cornell Dubilier Electronics

  381LQ682M050J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ682M050J042 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
Typical Performance Curves
Ratings
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
10 Vdc (13 Vdc Surge)
16 Vdc (20 Vdc Surge)
12000
381LQ123M010H012
0.076
0.065
2.20
2.53
22 x 25
10000
381LQ103M016H012
0.075
0.063
2.60
2.99
22 x 25
18000
381LQ183M010H022
0.051
0.043
2.40
2.76
22 x 30
12000
381LQ123M016H022
0.062
0.053
2.90
3.34
22 x 30
18000
381LQ183M010H012
0.051
0.043
2.40
2.76
25 x 25
12000
381LQ123M016J012
0.062
0.053
2.90
3.34
25 x 25
22000
381LQ223M010H032
0.041
0.035
2.60
2.99
22 x 35
15000
381LQ153M016H032
0.050
0.042
3.20
3.68
22 x 35
22000
381LQ223M010J022
0.041
0.035
2.60
2.99
25 x 30
18000
381LQ183M016H042
0.041
0.035
3.50
4.03
22 x 40
27000
381LQ273M010H042
0.034
0.029
3.10
3.57
22 x 40
18000
381LQ183M016J022
0.041
0.035
3.50
4.03
25 x 30
27000
381LQ273M010J032
0.034
0.029
3.10
3.57
25 x 35
22000
381LQ223M016H452
0.034
0.029
3.80
4.37
22 x 45
27000
381LQ273M010K012
0.034
0.029
3.10
3.57
30 x 25
22000
381LQ223M016J032
0.034
0.029
3.80
4.37
25 x 35
33000
381LQ333M010H452
0.028
0.023
3.40
3.91
22 x 45
22000
381LQ223M016H012
0.034
0.029
3.80
4.37
30 x 25
33000
381LQ333M010J042
0.028
0.023
3.40
3.91
25 x 40
27000
381LQ273M016H052
0.028
0.023
4.20
4.83
22 x 50
39000
381LQ393M010J452
0.026
0.022
3.70
4.26
25 x 45
27000
381LQ273M016J042
0.028
0.023
4.20
4.83
25 x 40
39000
381LQ393M010K022
0.026
0.023
3.70
4.26
30 x 30
27000
381LQ273M016K022
0.028
0.023
4.20
4.83
30 x 30
39000
381LQ393M010A012
0.026
0.022
3.70
4.26
35 x 25
27000
381LQ273M016A012
0.028
0.023
4.20
4.83
35 x 25
47000
381LQ473M010J052
0.024
0.021
4.20
4.83
25 x 50
33000
381LQ333M016J452
0.023
0.019
4.70
5.41
25 x 45
47000
381LQ473M010K032
0.024
0.022
4.20
4.83
30 x 35
33000
381LQ333M016K032
0.023
0.019
4.70
5.41
30 x 35
47000
381LQ473M010A022
0.024
0.021
4.20
4.83
35 x 30
33000
381LQ333M016A022
0.023
0.020
4.70
5.41
35 x 30
56000
381LQ563M010K042
0.023
0.021
5.00
5.75
30 x 40
39000
381LQ393M016K042
0.022
0.018
5.10
5.87
30 x 40
56000
381LQ563M010A032
0.023
0.020
5.00
5.75
35 x 35
39000
381LQ393M016A032
0.022
0.020
5.10
5.87
35 x 35
68000
381LQ683M010K452
0.022
0.020
5.40
6.21
30 x 45
47000
381LQ473M016K452
0.016
0.014
5.50
6.33
30 x 45
68000
381LQ683M010A042
0.022
0.019
5.40
6.21
35 x 40
47000
381LQ473M016A042
0.021
0.019
5.50
6.33
35 x 40
82000
381LQ823M010A452
0.021
0.019
6.10
7.02
35 x 45
56000
381LQ563M016K052
0.020
0.018
6.00
6.90
30 x 50
100000
381LQ104M010A052
0.020
0.019
6.90
7.94
35 x 50
56000
381LQ563M016A452
0.020
0.018
6.00
6.90
35 x 45


同様の部品番号 - 381LQ682M050J042

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LQ682M050J042 ETC-381LQ682M050J042 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
More results

同様の説明 - 381LQ682M050J042

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Jianghai Europe GmbH
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com