データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD4NB40-1 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STD4NB40-1
部品情報  N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NB40-1 データシート(HTML) 10 Page - STMicroelectronics

Back Button STD4NB40-1 Datasheet HTML 2Page - STMicroelectronics STD4NB40-1 Datasheet HTML 3Page - STMicroelectronics STD4NB40-1 Datasheet HTML 4Page - STMicroelectronics STD4NB40-1 Datasheet HTML 5Page - STMicroelectronics STD4NB40-1 Datasheet HTML 6Page - STMicroelectronics STD4NB40-1 Datasheet HTML 7Page - STMicroelectronics STD4NB40-1 Datasheet HTML 8Page - STMicroelectronics STD4NB40-1 Datasheet HTML 9Page - STMicroelectronics STD4NB40-1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STD4NB40/STD4NB40-1
10/10
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2001 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


同様の部品番号 - STD4NB40-1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
   N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
More results

同様の説明 - STD4NB40-1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
   N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
May 1999
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com