データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8XC251TA データシート(PDF) 7 Page - Intel Corporation

部品番号 8XC251TA
部品情報  Hardware Description
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

8XC251TA データシート(HTML) 7 Page - Intel Corporation

Back Button 8XC251TA_1 Datasheet HTML 3Page - Intel Corporation 8XC251TA_1 Datasheet HTML 4Page - Intel Corporation 8XC251TA_1 Datasheet HTML 5Page - Intel Corporation 8XC251TA_1 Datasheet HTML 6Page - Intel Corporation 8XC251TA_1 Datasheet HTML 7Page - Intel Corporation 8XC251TA_1 Datasheet HTML 8Page - Intel Corporation 8XC251TA_1 Datasheet HTML 9Page - Intel Corporation 8XC251TA_1 Datasheet HTML 10Page - Intel Corporation 8XC251TA_1 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
3
8xC251Tx Hardware Description
Table 2. 8xC251Tx Signal Descriptions (Sheet 1 of 3)
Signal
Name
Type
Description
Alternate
Function
A17
O
Address Line 17. Output to memory as the 18th external address bit
(A17) in extended bus applications, depending on the values of bits
RD0 and RD1 in configuration byte UCONFIG0 (see Chapter 4,
"Device Configuration," of the
8xC251SA, 8xC251SB, 8xC251SP,
8xC251SQ Embedded Microcontroller User’s Manual (272795). See
also RD# and PSEN#.
P1.7/CEX4/
WCLK
A16
O
Address Line 16. See RD#.
P3.7/RD#
A15:8*
O
Address Lines. Upper address lines for the external bus.
P2.7:0
A7:0
I/O
Address/Data Lines. Multiplexed lower address lines and data lines
for external bus.
P0/7:0
ALE
O
Address Latch Enable. ALE signals the start of an external bus
cycle and indicates that valid address information is available on lines
A15:8 and A7:0. An external latch can use ALE to demultiplex the
address from the address/data bus.
CEX0
CEX1
CEX2
CEX3
CEX4
I/O
Programmable Counter Array (PCA) input/output pins. These are
input signals for the PCA capture mode and output signals for the
PCA compare mode and PCA PWM mode.
P1.3/TXD1
P1.4
P1.5
P1.6/WAIT#
P1.7/A17/
WCLK
EA#
I
External Access. Direct program accesses to on-chip or off-chip
code memory. For EA# = 0, all program memory accesses are off
chip. For EA# = 1, all program memory accesses are on-chip if the
address is within the range of the on-chip program memory; other-
wise the access is off-chip. The value of EA# is latched at reset. For
devices without on-chip program memory, EA# must be strapped to
ground.
ECI
I
PCA External Clock Input. External clock input to the 16 bit PCA
timer.
P1.2/RXD1
INT1:0#
I
External Interrupts 0 and 1. These inputs set IE1:0 in the TCON
register. If bits IT1:0 in the TCON register are set, units IE1:0 are set
by the falling edge on the INT1#/INT0#. If bits IT1:0 are clear, bits
IE1:0 are set by a low level on INTO1:0#.
P3.3:2
P0.7:0
I/O
Port 0. This is an 8 bit, open drain, bidirectional I/O port.
AD7:0
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
I/O
Port 1. This is an 8 bit, bidirectional I/O port with internal pullups.
T2
T2EX
ECI/RXD1
CEX0/TXD1
CEX1
CEX2
CEX3/WAIT#
CEX4/A17/
WCLK
P2.7:0
I/O
Port 2. This is an 8 bit, bidirectional I/O port with internal pullups.
A15:8
* The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for non page mode configuration. If configured in
page mode, Port 0 carries the lower address bits (A7:0) and Port 2 carries the upper address bits (A15:8)
and the data (D7:0)


同様の部品番号 - 8XC251TA_1

メーカー部品番号データシート部品情報
logo
Intel Corporation
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

同様の説明 - 8XC251TA_1

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
   Hardware Description
logo
Semtech Corporation
SX1272MB2DAS SEMTECH-SX1272MB2DAS Datasheet
844Kb / 4P
   Hardware Description
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com