データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-80C32E-30 データシート(PDF) 4 Page - AIMTEC

部品番号 MC-80C32E-30
部品情報  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

MC-80C32E-30 データシート(HTML) 4 Page - AIMTEC

  MC-80C32E-30 Datasheet HTML 1Page - AIMTEC MC-80C32E-30 Datasheet HTML 2Page - AIMTEC MC-80C32E-30 Datasheet HTML 3Page - AIMTEC MC-80C32E-30 Datasheet HTML 4Page - AIMTEC MC-80C32E-30 Datasheet HTML 5Page - AIMTEC MC-80C32E-30 Datasheet HTML 6Page - AIMTEC MC-80C32E-30 Datasheet HTML 7Page - AIMTEC MC-80C32E-30 Datasheet HTML 8Page - AIMTEC MC-80C32E-30 Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
80C32E
4149M–AERO–06/03
ALE
O (I)
Address Latch Enable: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE
is emitted at a constant rate of 1/6 the oscillator frequency, and can be
used for external timing or clocking. Note that one ALE pulse is skipped
during each access to external data memory.
PSEN
O
Program Store ENable: The read strobe to external program memory.
When executing code from the external program memory, PSEN is
activated twice each machine cycle, except that two PSEN activations
are skipped during each access to external data memory. PSEN is not
activated during fetches from internal program memory.
EA
I
External Access Enable: EA must be externally held low to enable the
device to fetch code from external program memory locations.
XTAL1
I
Crystal 1: Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
XTAL2
O
Crystal 2: Output from the inverting oscillator amplifier
Mnemonic
Type
Name and Function


同様の部品番号 - MC-80C32E-30

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
MC-80C32E-30 ATMEL-MC-80C32E-30 Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

同様の説明 - MC-80C32E-30

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com