データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC80251G1D-24CA データシート(PDF) 2 Page - TEMIC Semiconductors

部品番号 TSC80251G1D-24CA
部品情報  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G1D-24CA データシート(HTML) 2 Page - TEMIC Semiconductors

  TSC80251G1D-24CA Datasheet HTML 1Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 2Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 3Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 4Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 5Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G1D-24CA Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TSC87251G1A
2
Rev. A
September 21, 1998
3. Features
D Pin–Out and software compatibility with standard
80C51 products and 80C51FA/FB/RA/RB
D Plug–in replacement of Intel’s 80C251Sx
D C251 core: Intel’s MCSR251 step A compliance
G 125 ns Instruction cycle time at 16 MHz
G 40–byte Register File
G Registers Accessible as Bytes, Words or Dwords
G Six–stage instruction Pipeline
G 16–bit Internal Code Fetch
D Enriched C51 Instruction Set
G 16–bit and 32–bit ALU
G Compare and Conditional Jump Instructions
G Expanded Set of Move Instructions
D Linear Addressing
D 1 Kbyte of on–chip RAM
D External memory space (Code/Data) programmable
from 64 Kbytes to 256 Kbytes
D TSC87251G1A: 16 Kbytes of on–chip EPROM/
OTPROM
(production
with
TSC83251G1D:
on–chip masked ROM version)
D SINGLE–PULSE Programming Algorithm
D Four 8–bit parallel I/O Ports (Ports 0, 1, 2 and 3 of the
standard 80C51)
D Serial I/O Port: full duplex UART (80C51
compatible) with independent Baud Rate Generator
D SSLC: Synchronous Serial Link Controller
G I2C master only protocol
G µWire and SPI master only protocol
D Three 16–bit Timers/Counters (Timers 0, 1 and 2 of
the standard 80C51)
D EWC: Event and Waveform Controller
G Compatible with Intel’s Programmable Counter
Array (PCA)
G Common 16–bit Timer/Counter reference with
four possible clock sources (Fosc/4, Fosc/12,
Timer 1 and external input)
G Five modules with four programmable modes:
16–bit software Timer/Counter
16–bit Timer/Counter Capture Input and
software pulse measurement
High–speed output and 16–bit software Pulse
Width Modulation (PWM)
8–bit hardware PWM without overhead
G 16–bit Watchdog Timer/Counter capability
D Secured 14–bit Hardware Watchdog Timer
D Power Monitoring and Management
G Power–Fail reset
G Power–On reset (integrated on the chip)
G Power–Off flag (cold and warm resets)
G Software programmable system clock
G Idle and Power–Down modes
D Keyboard interrupt interface on Port 1
D ONCE mode and full speed Real–Time In–Circuit
Emulation support (Third Party Vendors)
D Speed ranges:
G 0 to 16 MHz
D Supply ranges:
G 5 V ±10 %
D Temperature ranges:
G Commercial (0°C to +70°C)
G Industrial (–40°C to +85°C)
G Option: extended range (–55°C to +125°C)
D Packages:
G PDIL 40, PLCC 44
G UV–Window CQPJ 44
G Options: known good dice and ceramic packages


同様の部品番号 - TSC80251G1D-24CA

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D-16CB TEMIC-TSC80251G2D-16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

同様の説明 - TSC80251G1D-24CA

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com