データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE40NC60 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STE40NC60
部品情報  N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE40NC60 データシート(HTML) 2 Page - STMicroelectronics

  STE40NC60 Datasheet HTML 1Page - STMicroelectronics STE40NC60 Datasheet HTML 2Page - STMicroelectronics STE40NC60 Datasheet HTML 3Page - STMicroelectronics STE40NC60 Datasheet HTML 4Page - STMicroelectronics STE40NC60 Datasheet HTML 5Page - STMicroelectronics STE40NC60 Datasheet HTML 6Page - STMicroelectronics STE40NC60 Datasheet HTML 7Page - STMicroelectronics STE40NC60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STE40NC60
2/8
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Rthj-case
Thermal Resistance Junction-case
Max
0.272
°C/W
Rthc-h
Thermal Resistance Case-heatsink with Conductive
Grease Applied
0.05
°C/W
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
40
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
1150
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
600
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
10
µA
VDS = Max Rating, TC = 125 °C
100
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 30V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 20A
0.098
0.130
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x RDS(on)max,
ID = 15 A
42
S
Ciss
Input Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
11.1
nF
Coss
Output Capacitance
1190
pF
Crss
Reverse Transfer
Capacitance
100
pF


同様の部品番号 - STE40NC60

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD Datasheet
278Kb / 10P
   N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
More results

同様の説明 - STE40NC60

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
   N-CHANNEL 500V - 0.070ohm - 53A ISOTOP PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
   N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
   N-CHANNEL 150A - 600V - ISOTOP PowerMESH??IGBT
STN1HNC60 STMICROELECTRONICS-STN1HNC60 Datasheet
260Kb / 8P
   N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?줚I MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?줚I MOSFET
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
   N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8