データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGB3NB60SD データシート(PDF) 1 Page - STMicroelectronics

部品番号 STGB3NB60SD
部品情報  N-CHANNEL 3A - 600V D2PAK Power MESH??IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB3NB60SD データシート(HTML) 1 Page - STMicroelectronics

  STGB3NB60SD Datasheet HTML 1Page - STMicroelectronics STGB3NB60SD Datasheet HTML 2Page - STMicroelectronics STGB3NB60SD Datasheet HTML 3Page - STMicroelectronics STGB3NB60SD Datasheet HTML 4Page - STMicroelectronics STGB3NB60SD Datasheet HTML 5Page - STMicroelectronics STGB3NB60SD Datasheet HTML 6Page - STMicroelectronics STGB3NB60SD Datasheet HTML 7Page - STMicroelectronics STGB3NB60SD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
November 2000
STGB3NB60SD
N-CHANNEL 3A - 600V D2PAK
Power MESH™ IGBT
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
INTEGRATED FREEWHEELING DIODE
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4”)
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has designed
an advanced family of IGBTs, the PowerMESH™ IGBTs,
with outstanding perfomances. The suffix “S” identifies a
family optimized to achieve minimum on-voltage drop for
low frequency applications (<1kHz).
APPLICATIONS
s
GAS DISCHARGE LAMP
s
STATIC RELAYS
s
MOTOR CONTROL
TYPE
VCES
VCE(sat)
Ic
STGB3NB60SD
600 V
<1.5 V
3 A
D2PAK
TO-263
(suffix“T4”)
1
3
ABSOLUTE MAXIMUM RATINGS
(
)Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuos) at Tc=25°C
6
A
IC
Collector Current (continuos)at Tc=100°C
3
A
ICM(•)
Collector Current (pulsed)
25
A
Ptot
Total Dissipation at Tc = 25°C
70
W
Derating Factor
0.46
W/°C
Tstg
Storage Temperature
–60 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
INTERNAL SCHEMATIC DIAGRAM


同様の部品番号 - STGB3NB60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB3NB60FD STMICROELECTRONICS-STGB3NB60FD Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HDT4 STMICROELECTRONICS-STGB3NB60HDT4 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results

同様の説明 - STGB3NB60SD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
STGD7NB60S STMICROELECTRONICS-STGD7NB60S Datasheet
289Kb / 8P
   N-CHANNEL 7A - 600V DPAK Power MESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB10N60L STMICROELECTRONICS-STGB10N60L Datasheet
88Kb / 8P
   N-CHANNEL 10A - 600V D2PAK LOGIC LEVEL IGBT
STB3NC60 STMICROELECTRONICS-STB3NC60 Datasheet
94Kb / 9P
   N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGB6NB60HD STMICROELECTRONICS-STGB6NB60HD Datasheet
166Kb / 10P
   N-CHANNEL 6A - 600V - D2PAK Low Drop PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com