データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ389 データシート(PDF) 1 Page - Hitachi Metals, Ltd

部品番号 2SJ389
部品情報  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI-METALS [Hitachi Metals, Ltd]
ホームページ  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

2SJ389 データシート(HTML) 1 Page - Hitachi Metals, Ltd

  2SJ389 Datasheet HTML 1Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 2Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 3Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 4Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 5Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 6Page - Hitachi Metals, Ltd 2SJ389 Datasheet HTML 7Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Application
High speed power switching
Features
• Low on–resistance
• High speed switching
• Low drive current
• 4 V gate drive device can be driven from
5 V source
• Suitable for Switching regulator, DC – DC
converter
• Avalanche Ratings
1 2
4
3
1
2, 4
3
DPAK–2
3
2
1
4
1. Gate
2. Drain
3. Source
4. Drain
Table 1 Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
———————————————————————————————————————————
Drain to source voltage
VDSS
–60
V
———————————————————————————————————————————
Gate to source voltage
VGSS
±20
V
———————————————————————————————————————————
Drain current
ID
–10
A
———————————————————————————————————————————
Drain peak current
ID(pulse)*
–40
A
———————————————————————————————————————————
Body–drain diode reverse drain current
IDR
–10
A
———————————————————————————————————————————
Avalanche current
IAP***
–10
A
———————————————————————————————————————————
Avalanche energy
EAR***
8.5
mJ
———————————————————————————————————————————
Channel dissipation
Pch**
30
W
———————————————————————————————————————————
Channel temperature
Tch
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
*
PW
≤ 10 µs, duty cycle ≤ 1 %
**
Value at Tc = 25 °C
***
Value at Tch = 25 °C, Rg
≥ 50 Ω
2SJ389 L , 2SJ389 S
Silicon P Channel MOS FET


同様の部品番号 - 2SJ389

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
2SJ389L VBSEMI-2SJ389L Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SJ389S ISC-2SJ389S Datasheet
289Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SJ389S VBSEMI-2SJ389S Datasheet
989Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

同様の説明 - 2SJ389

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com