データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2BG20DLSDLCR データシート(PDF) 1 Page - SunLED Corporation

部品番号 LM2BG20DLSDLCR
部品情報  OVAL SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2BG20DLSDLCR データシート(HTML) 1 Page - SunLED Corporation

  LM2BG20DLSDLCR Datasheet HTML 1Page - SunLED Corporation LM2BG20DLSDLCR Datasheet HTML 2Page - SunLED Corporation LM2BG20DLSDLCR Datasheet HTML 3Page - SunLED Corporation LM2BG20DLSDLCR Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 17, 2008
Drawing No : SDSA6527
V1
Checked : B.L.LIU
P.1/4
Part Number:
LM2BG20DLSDLCR
OVAL SOLID STATE LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
LM2BG20DLSDLCR
Green
InGaN
Green Semi Diffused
2200
4990
525
100°(H)
50°(V)
Viewing
Angle
2
θ 1/2
M2BG
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
3.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
3.7
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
525
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
535
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
39
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
65
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
M2BG
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
100
mA
Power Dissipation
PT
111
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
1000
V
Lead Solder Temperature
[2mm Below Package Base]
245°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
245°C For 5 Seconds
Electrostatic Discharge Threshold
(HBM)
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
OUTSTANDING MATERIAL EFFICIENCY.
RELIABLE AND RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.


同様の部品番号 - LM2BG20DLSDLCR

メーカー部品番号データシート部品情報
logo
SunLED Corporation
LM2BG20W SUNLED-LM2BG20W Datasheet
181Kb / 4P
   OVAL SOLID STATE LAMP
More results

同様の説明 - LM2BG20DLSDLCR

メーカー部品番号データシート部品情報
logo
SunLED Corporation
LM2BB20DLSDLCR SUNLED-LM2BB20DLSDLCR Datasheet
181Kb / 4P
   OVAL SOLID STATE LAMP
LM2BG20W SUNLED-LM2BG20W Datasheet
181Kb / 4P
   OVAL SOLID STATE LAMP
LM2CR20W SUNLED-LM2CR20W Datasheet
172Kb / 4P
   OVAL SOLID STATE LAMP
LM2CY20DLSDLCR SUNLED-LM2CY20DLSDLCR Datasheet
171Kb / 4P
   OVAL SOLID STATE LAMP
LM2CY20W SUNLED-LM2CY20W Datasheet
172Kb / 4P
   OVAL SOLID STATE LAMP
LMDG20DLSDLCR SUNLED-LMDG20DLSDLCR Datasheet
183Kb / 4P
   OVAL SOLID STATE LAMP
logo
Kingbright Corporation
WP5603SYDL-SD-J KINGBRIGHT-WP5603SYDL-SD-J Datasheet
104Kb / 4P
   OVAL SOLID STATE LAMP
WP5603ZGDL-SD-G KINGBRIGHT-WP5603ZGDL-SD-G Datasheet
317Kb / 5P
   Oval Solid State Lamp
WP5603QBDL-SD-G KINGBRIGHT-WP5603QBDL-SD-G_15 Datasheet
317Kb / 6P
   OVAL SOLID STATE LAMP
WP5603ZGDL-SD-G KINGBRIGHT-WP5603ZGDL-SD-G_15 Datasheet
320Kb / 6P
   OVAL SOLID STATE LAMP
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com