データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2CR14W データシート(PDF) 1 Page - SunLED Corporation

部品番号 LM2CR14W
部品情報  T-1 3/4 (5mm) ROUND LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2CR14W データシート(HTML) 1 Page - SunLED Corporation

  LM2CR14W Datasheet HTML 1Page - SunLED Corporation LM2CR14W Datasheet HTML 2Page - SunLED Corporation LM2CR14W Datasheet HTML 3Page - SunLED Corporation LM2CR14W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 17 , 2008
Drawing No : SDSA5942
V2
Checked : B.L.LIU
P.1/4
Part Number:
LM2CR14W
T-1 3/4 (5mm) ROUND LED LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LM2CR14W
Red
AlInGaP
Water Clear
3300
6990
640
30
°
Absolute Maximum Ratings
(TA=25°C)
M2CR
(AlInGaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
84
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
M2CR
(AlInGaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.8
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
630
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
25
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
27
pF
Operating Characteristics
(TA=25°C)
Features
OUTSTANDING MATERIAL EFFICIENCY.
RELIABLE AND RUGGED.
I.C.COMPATIBLE/LOW CURRENT CAPABILITY.
RoHS COMPLIANT.
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.18
16:26:36 +08'00'


同様の部品番号 - LM2CR14W

メーカー部品番号データシート部品情報
logo
SunLED Corporation
LM2CR11W SUNLED-LM2CR11W Datasheet
183Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LM2CR12W SUNLED-LM2CR12W Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

同様の説明 - LM2CR14W

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
WP7143SRC-D KINGBRIGHT-WP7143SRC-D_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SRC-D KINGBRIGHT-WP7143SRC-D Datasheet
260Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BG14W SUNLED-LM2BG14W Datasheet
175Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SURC KINGBRIGHT-WP7143SURC Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2CY14W SUNLED-LM2CY14W Datasheet
172Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
W7113MBDK KINGBRIGHT-W7113MBDK Datasheet
108Kb / 3P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BB14W SUNLED-LM2BB14W Datasheet
178Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SGC KINGBRIGHT-WP7143SGC_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E_15 Datasheet
318Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E Datasheet
257Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com