データシートサーチシステム |
|
TL081ACD データシート(PDF) 3 Page - STMicroelectronics |
|
TL081ACD データシート(HTML) 3 Page - STMicroelectronics |
3 / 15 page TL081 Absolute maximum ratings 3/15 2 Absolute maximum ratings Table 1. Absolute maximum ratings Symbol Parameter TL081I, AI, BI TL081C, AC, BC Unit VCC Supply voltage (1) 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and V CC -. ±18 V Vin Input voltage (2) 2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. ±15 V Vid Differential input voltage (3) 3. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±30 V Ptot Power dissipation 680 mW Output short-circuit duration (4) 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. Infinite Tstg Storage temperature range -65 to +150 °C Rthja Thermal resistance junction to ambient(5) (6) SO-8 DIP8 5. Short-circuits can cause excessive heating and destructive dissipation. 6. Rth are typical values. 125 85 °C/W Rthjc Thermal resistance junction to case(5) (6) SO-8 DIP8 40 41 °C/W ESD HBM: human body model(7) 7. Human body model: 100 pF discharged through a 1.5k Ω resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 500 V MM: machine model(8) 8. Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with other pins floating. 200 V CDM: charged device model(9) 9. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. 1.5 kV Table 2. Operating conditions Symbol Parameter TL081I, AI, BI TL081C, AC, BC Unit VCC Supply voltage range 6 to 36 V Toper Operating free-air temperature range -40 to +105 0 to +70 °C |
同様の部品番号 - TL081ACD |
|
同様の説明 - TL081ACD |