データシートサーチシステム |
|
TS507IYDT データシート(PDF) 6 Page - STMicroelectronics |
|
TS507IYDT データシート(HTML) 6 Page - STMicroelectronics |
6 / 20 page Electrical characteristics TS507 6/20 Table 4. Electrical characteristics at VCC =+3.3V, VDD =0V, Vicm =VCC/2, Tamb = 25°C, RL connected to VCC/2 (unless otherwise specified) (1) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Input offset voltage(2) Vicm = 0 to 2.1V, T=25°C TS507C full temp range TS507I full temp range 25 100 250 400 µV Vicm = 0V to 3.3V, T=25°C TS507C full temp range TS507I full temp range 450 550 750 µV ΔVio Vio drift vs. temperature Tmin < Top < Tmax 1µV/°C Iib Input bias current T = 25°C TS507C full temp range TS507I full temp range 670 75 145 nA Iio Input offset current T = 25°C TS507C full temp range TS507I full temp range 225 40 45 nA CMRR Common mode rejection ratio 20 log ( ΔVicm/ΔVio) Vicm from 0V to 2.1V 115 dB Avd Large signal voltage gain RL = 10kΩ, Vout= 0.5V to 2.8V 127 dB VCC-VOH High level output voltage drop RL = 600Ω, T=25°C TS507C full temp range TS507I full temp range 59 85 100 110 mV RL = 10kΩ, T=25°C Full temp range 415 15 VOL Low level output voltage RL = 600Ω, T=25°C TS507C full temp range TS507I full temp range 57 80 100 115 mV RL = 10kΩ, T=25°C Full temp range 415 15 Iout Isink Vout = VCC, Vid=-1V, T=25°C TS507C full temp range TS507I full temp range 33 26 22 48 mA Isource Vout = VDD, Vid=1V, T=25°C TS507C full temp range TS507I full temp range 37 32 29 56 ICC Supply current (per operator)(2) No load, Vout=VCC/2, Vicm=0 to 3.3V, T=25°C Full temp range 0.81 1.1 1.2 mA |
同様の部品番号 - TS507IYDT |
|
同様の説明 - TS507IYDT |