データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16244TTR データシート(PDF) 2 Page - STMicroelectronics

部品番号 74ALVCH16244TTR
部品情報  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244TTR データシート(HTML) 2 Page - STMicroelectronics

  74ALVCH16244TTR Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74ALVCH16244
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 3, 5, 6
1Y1 to 1Y4 Data Outputs
8, 9, 11, 12
2Y1 to 2Y4 Data Outputs
13, 14, 16, 17
3Y1 to 3Y4 Data Outputs
19, 20, 22, 23
4Y1 to 4Y4 Data Outputs
24
4G
Output Enable Input
25
3G
Output Enable Input
30, 29, 27, 26
4A1 to 4A4 Data Outputs
36, 35, 33, 32
3A1 to 3A4 Data Outputs
41, 40, 38, 37
2A1 to 2A4 Data Outputs
47, 46, 44, 43
1A1 to 1A4 Data Outputs
48
2G
Output Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LLL
LH
H
HX
Z


同様の部品番号 - 74ALVCH16244TTR

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVCH16244T FAIRCHILD-74ALVCH16244T Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results

同様の説明 - 74ALVCH16244TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com