データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC4520TTR データシート(PDF) 6 Page - STMicroelectronics

部品番号 M74HC4520TTR
部品情報  DUAL 4 BIT BINARY COUNTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4520TTR データシート(HTML) 6 Page - STMicroelectronics

Back Button M74HC4520TTR Datasheet HTML 2Page - STMicroelectronics M74HC4520TTR Datasheet HTML 3Page - STMicroelectronics M74HC4520TTR Datasheet HTML 4Page - STMicroelectronics M74HC4520TTR Datasheet HTML 5Page - STMicroelectronics M74HC4520TTR Datasheet HTML 6Page - STMicroelectronics M74HC4520TTR Datasheet HTML 7Page - STMicroelectronics M74HC4520TTR Datasheet HTML 8Page - STMicroelectronics M74HC4520TTR Datasheet HTML 9Page - STMicroelectronics M74HC4520TTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M74HC4520
6/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per
COUNTER)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
(CLOCK, CE - Qn)
2.0
72
160
200
240
ns
4.5
22
32
40
48
6.0
18
27
34
41
tPHL
Propagation Delay
Time
(CLEAR - Qn)
2.0
65
150
190
225
ns
4.5
20
30
38
45
6.0
16
26
33
38
fMAX
Maximum Clock
Frequency
2.0
6
23
4.8
4
MHz
4.5
30
51
24
20
6.0
35
60
28
24
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK ,CE)
2.0
25
75
95
110
ns
4.5
6
151922
6.0
5
131619
tW(L)
Minimum Pulse
Width
(CLEAR)
2.0
20
75
95
110
ns
4.5
5
151922
6.0
4
131619
tREM
Minimum Removal
Time
(CLEAR)
2.0
21
50
60
75
ns
4.5
3
101215
6.0
3
9
11
13
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
32
pF


同様の部品番号 - M74HC4520TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
270Kb / 13P
   HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
More results

同様の説明 - M74HC4520TTR

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com