データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC4851RM13TR データシート(PDF) 4 Page - STMicroelectronics

部品番号 M74HC4851RM13TR
部品情報  SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4851RM13TR データシート(HTML) 4 Page - STMicroelectronics

  M74HC4851RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4851RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
M74HC4851
4/15
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
up to 85°C
up to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0
2.1
2.1
2.1
3.0
2.3
2.3
2.3
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0
0.9
0.9
0.9
3.3
1.0
1.0
1.0
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
2.0
IS=2mA
VIN =VIHC or
VILC
VIS =VCC to
GND
500
650
670
700
3.0
IS≤2mA
215
280
320
360
3.3
210
270
305
345
4.5
160
210
240
270
6.0
150
195
220
250
∆R
ON
Difference of ON
Resistance
between switches
2.0
IS=2mA
VIN =VIHC or
VILC
VIS =VCC/2
410
15
20
3.0
IS≤2mA
28
12
16
3.3
2
8
12
16
4.5
2
8
12
16
6.0
3
9
13
18
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
(Any Channel)
6.0
VIN =VCC or GND
±0.1
± 0.5
± 1.0
µA
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
(Common
Channel)
6.0
± 0.2
± 2
± 4
µA
ION
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
VIN =VCC or GND
±0.1
± 0.5
± 1
µA
IIN
Control Input
Current
6.0
VIN =VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
6.0
VIN =VCC or GND
VIN(analog)= GND
220
40
µA


同様の部品番号 - M74HC4851RM13TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4851RM13TR STMICROELECTRONICS-M74HC4851RM13TR Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results

同様の説明 - M74HC4851RM13TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
   Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
242Kb / 11P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com