データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST4G3235BJR データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST4G3235BJR
部品情報  4-bit dual supply bus buffer level translator with a side series resistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR データシート(HTML) 10 Page - STMicroelectronics

Back Button ST4G3235BJR Datasheet HTML 6Page - STMicroelectronics ST4G3235BJR Datasheet HTML 7Page - STMicroelectronics ST4G3235BJR Datasheet HTML 8Page - STMicroelectronics ST4G3235BJR Datasheet HTML 9Page - STMicroelectronics ST4G3235BJR Datasheet HTML 10Page - STMicroelectronics ST4G3235BJR Datasheet HTML 11Page - STMicroelectronics ST4G3235BJR Datasheet HTML 12Page - STMicroelectronics ST4G3235BJR Datasheet HTML 13Page - STMicroelectronics ST4G3235BJR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
ST4G3235
10/21
IOFF
Power off
leakage
current
00
VIB=GND to
3.6V
VOA=GND to
3.6V
VIA=GND to
3.6V
VOB=GND to
3.6V
± 1.0
± 10
µA
ICCtB
Quiescent
supply
current
1.4 to
3.6V
1.4 to
3.6V
VIA =VCCA or
GND
VIB =VCCB or
GND
0.5
5
µA
∆I
CCtB
Maximum
quiescent
supply
current / Input
(Bn)
2.7
3.6
VIB =VCCB -
0.6V
VIB =VCCB or
GND
VIB =VCCA or
GND
0.75
mA
1.95
3.6
1.95
2.7
1.
VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Table 7. DC Specification for VCCB
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)(1)
VCCA
(V)(1)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.


同様の部品番号 - ST4G3235BJR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST4G3235BJR STMICROELECTRONICS-ST4G3235BJR Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

同様の説明 - ST4G3235BJR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com