データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6G3238E データシート(PDF) 3 Page - STMicroelectronics

部品番号 ST6G3238E
部品情報  Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E データシート(HTML) 3 Page - STMicroelectronics

  ST6G3238E_06 Datasheet HTML 1Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 2Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 3Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 4Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 5Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 6Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 7Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 8Page - STMicroelectronics ST6G3238E_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST6G3238E
Logic diagram
3/19
1
Logic diagram
Figure 1.
Block diagram
Table 1.
Integrated ESD protection and resistor on B-Side
Resistors
Value
Bi-directional Zener diodes
R1, R2, R3, R4, R5, R6
40
Vbr min.
14V @ 1mA
Tolerance
±20%
Line capacitance
< 20 pF
R10, R11, R12
70k
R9
15k
R7
470k
Tolerance
±30%
Table 2.
Integrated pull-up resistors on WP and CD pins on A-Side
Resistors
Value
R13
100k
R14
100k
Tolerance
±30%
V
A-SIDE
VCCB
B-SIDE
R1
R2
GND
WP
CD
R13
R14
VCCA
GND
CLK
DAT0
DAT1
DAT2
DAT3
CMD
DAT123-dir
DAT1.h
DAT2.h
DAT3.h
CLK.h
CLK-f
DATA0-dir
DAT0.h
CMD-dir
CMD.h
R7
R12
R11
R10
R9
R3
R4
R5
R6


同様の部品番号 - ST6G3238E_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST6G3238ETBR STMICROELECTRONICS-ST6G3238ETBR Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
ST6G3238ETTR STMICROELECTRONICS-ST6G3238ETTR Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
More results

同様の説明 - ST6G3238E_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com