データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ245TTR データシート(PDF) 9 Page - STMicroelectronics

部品番号 74LVQ245TTR
部品情報  LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ245TTR データシート(HTML) 9 Page - STMicroelectronics

Back Button 74LVQ245TTR Datasheet HTML 4Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 5Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 6Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 7Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 8Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 9Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 10Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 11Page - STMicroelectronics 74LVQ245TTR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
74LVQ245
9/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA


同様の部品番号 - 74LVQ245TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ245T STMICROELECTRONICS-74LVQ245T Datasheet
67Kb / 8P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
More results

同様の説明 - 74LVQ245TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ245 STMICROELECTRONICS-74LVQ245 Datasheet
67Kb / 8P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Integrated Device Techn...
IDT74ALVC245 IDT-IDT74ALVC245 Datasheet
62Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74LCX245 STMICROELECTRONICS-74LCX245 Datasheet
278Kb / 13P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com