データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ373TTR データシート(PDF) 5 Page - STMicroelectronics

部品番号 74LVQ373TTR
部品情報  LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ373TTR データシート(HTML) 5 Page - STMicroelectronics

  74LVQ373TTR Datasheet HTML 1Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 2Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 3Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 4Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 5Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 6Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 7Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 8Page - STMicroelectronics 74LVQ373TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVQ373
5/13
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per Latch)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time LE to Q
2.7
7.2
11.5
13.5
15.5
ns
3.3(*)
5.8
9.0
10.5
12.0
tPLH
tPHL
Propagation Delay
Time D to Q
2.7
7.2
11.5
13.5
15.5
ns
3.3(*)
5.8
9.0
10.5
12.0
tPLZ
tPHZ
Output Disable
Time
2.7
8.7
14.0
16.0
18.5
ns
3.3(*)
7.4
11.5
13.5
15.5
tPZL
tPZH
Output Enable
Time
2.7
8.5
14.0
16.0
18.5
ns
3.3(*)
7.5
11.5
13.5
15.5
tW
LE Pulse Width
HIGH
2.7
2.0
5.0
6.0
6.0
ns
3.3(*)
1.5
4.0
4.0
4.0
tsL
tsH
Setup Time D to
LE, HIGH or LOW
2.7
0.0
4.0
4.5
4.5
ns
3.3(*)
0.0
3.0
3.0
3.0
thL
thH
Hold Time D to LE,
HIGH or LOW
2.7
0.0
1.5
1.5
1.5
ns
3.3(*)
0.0
1.5
1.5
1.5
tOSLH
tOSHL
Output To Output
Skew Time
(note1, 2)
2.7
0.5
1.0
1.0
1.0
ns
3.3(*)
0.5
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
pF
COUT
Output
Capacitance
3.3
8
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
fIN = 10MHz
10
pF


同様の部品番号 - 74LVQ373TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ373T STMICROELECTRONICS-74LVQ373T Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
More results

同様の説明 - 74LVQ373TTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573_04 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com