データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX27 データシート(PDF) 10 Page - STMicroelectronics

部品番号 74LVX27
部品情報  LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX27 データシート(HTML) 10 Page - STMicroelectronics

Back Button 74LVX27_04 Datasheet HTML 3Page - STMicroelectronics 74LVX27_04 Datasheet HTML 4Page - STMicroelectronics 74LVX27_04 Datasheet HTML 5Page - STMicroelectronics 74LVX27_04 Datasheet HTML 6Page - STMicroelectronics 74LVX27_04 Datasheet HTML 7Page - STMicroelectronics 74LVX27_04 Datasheet HTML 8Page - STMicroelectronics 74LVX27_04 Datasheet HTML 9Page - STMicroelectronics 74LVX27_04 Datasheet HTML 10Page - STMicroelectronics 74LVX27_04 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
74LVX27
10/11
Table 10: Revision History
Date
Revision
Description of Changes
27-Aug-2004
3
Ordering Codes Revision - pag. 1.


同様の部品番号 - 74LVX27_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
74LVX273 TOSHIBA-74LVX273 Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74LVX273 FAIRCHILD-74LVX273 Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
logo
Fairchild Semiconductor
74LVX273M FAIRCHILD-74LVX273M Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
More results

同様の説明 - 74LVX27_04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
logo
Fairchild Semiconductor
74LCX27 FAIRCHILD-74LCX27 Datasheet
92Kb / 8P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
74LCX02 STMICROELECTRONICS-74LCX02 Datasheet
241Kb / 15P
   Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
74LCX02MTR STMICROELECTRONICS-74LCX02MTR Datasheet
171Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
September 2001
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11 Datasheet
83Kb / 11P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX10 FAIRCHILD-74LCX10 Datasheet
107Kb / 8P
   Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com