データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431IYD データシート(PDF) 6 Page - STMicroelectronics

部品番号 TL431IYD
部品情報  Programmable voltage reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431IYD データシート(HTML) 6 Page - STMicroelectronics

Back Button TL431IYD Datasheet HTML 2Page - STMicroelectronics TL431IYD Datasheet HTML 3Page - STMicroelectronics TL431IYD Datasheet HTML 4Page - STMicroelectronics TL431IYD Datasheet HTML 5Page - STMicroelectronics TL431IYD Datasheet HTML 6Page - STMicroelectronics TL431IYD Datasheet HTML 7Page - STMicroelectronics TL431IYD Datasheet HTML 8Page - STMicroelectronics TL431IYD Datasheet HTML 9Page - STMicroelectronics TL431IYD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TL431
6/15
Figure 5.
Test circuit for VKA = Vref
Figure 6.
Test circuit for programming mode
Input
V
KA
V
REF
I
K=10mA
Output
R
VKA = VREF
+ R1 x IREF
1
R1
R2
--------
+
()
Input
V
KA
V
REF
I
K
R1
R2
I
REF
R
Output
Figure 7.
Test circuit for Ioff
Figure 8.
Test circuit for phase margin and
voltage gain
Figure 9.
Test circuit for response time
V
KA=36V
I
OFF
Input
V
REF
I
K=10mA
10
μF
10
μF
I
K=1mA
0 mA
1 mA


同様の部品番号 - TL431IYD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL431IYD STMICROELECTRONICS-TL431IYD Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431IYDT STMICROELECTRONICS-TL431IYDT Datasheet
243Kb / 13P
   Programmable Voltage Reference
More results

同様の説明 - TL431IYD

メーカー部品番号データシート部品情報
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com