データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC574 データシート(PDF) 1 Page - STMicroelectronics

部品番号 74VHC574
部品情報  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC574 データシート(HTML) 1 Page - STMicroelectronics

  74VHC574_04 Datasheet HTML 1Page - STMicroelectronics 74VHC574_04 Datasheet HTML 2Page - STMicroelectronics 74VHC574_04 Datasheet HTML 3Page - STMicroelectronics 74VHC574_04 Datasheet HTML 4Page - STMicroelectronics 74VHC574_04 Datasheet HTML 5Page - STMicroelectronics 74VHC574_04 Datasheet HTML 6Page - STMicroelectronics 74VHC574_04 Datasheet HTML 7Page - STMicroelectronics 74VHC574_04 Datasheet HTML 8Page - STMicroelectronics 74VHC574_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
November 2004
s
HIGH SPEED:
s
fMAX = 180 MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 574
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC574 is an advanced high-speed
CMOS OCTAL D-TYPE FLIP FLOP with 3 STATE
OUTPUTS NON INVERTING fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
These 8 bit D-Type flip-flop is controlled by a clock
input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic states that were
setup at the D inputs.
While the (OE) input is low, the 8 outputs will be in
a normal logic state (high or low logic level) and
while high level the outputs will be in a high
impedance state.
The Output control does not affect the internal
operation of flip flop; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC574
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUTS NON INVERTING
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC574MTR
TSSOP
74VHC574TTR
TSSOP
SOP
Rev. 4


同様の部品番号 - 74VHC574_04

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHC574M STMICROELECTRONICS-74VHC574M Datasheet
75Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC574M FAIRCHILD-74VHC574M Datasheet
107Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHC574M ONSEMI-74VHC574M Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
Revised May 2005
logo
Fairchild Semiconductor
74VHC574MTC FAIRCHILD-74VHC574MTC Datasheet
107Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

同様の説明 - 74VHC574_04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
75Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com