データシートサーチシステム |
|
HCF4027M013TR データシート(PDF) 3 Page - STMicroelectronics |
|
HCF4027M013TR データシート(HTML) 3 Page - STMicroelectronics |
3 / 9 page HCF4027B 3/9 LOGIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3 to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |
同様の部品番号 - HCF4027M013TR |
|
同様の説明 - HCF4027M013TR |