データシートサーチシステム |
|
HCF40103BEY データシート(PDF) 7 Page - STMicroelectronics |
|
HCF40103BEY データシート(HTML) 7 Page - STMicroelectronics |
7 / 14 page HCF40103B 7/14 TYPICAL APPLICATIONS DIVIDE BY "N" COUNTER MICROPROCESSOR INTERRUPT TIMER MICROPROCESSOR INTERRUPT TIMER SYNCHRONOUS CASCADING SYNCHRONOUS CASCADING * An Output spike (160ns at VDD = 5V) occurs whenever two or more devices are cascaded in the parallel clocked mode because the clock-to-carry out delay is greater than the carry-in-to-carry-out delay. This spike is eliminated by gating the output of the last device with the clock as shown. |
同様の部品番号 - HCF40103BEY |
|
同様の説明 - HCF40103BEY |