データシートサーチシステム |
|
LK112SXX20 データシート(PDF) 4 Page - STMicroelectronics |
|
LK112SXX20 データシート(HTML) 4 Page - STMicroelectronics |
4 / 17 page Pin configuration LK112Sxx 4/17 2 Pin configuration Figure 2. Pin connection (top view) Table 2. Pin description Pin n° Symbol Note 1 SHDN Shutdown Input: Disables the regulator when is connected to GND or to positive voltage less than 0.6 V 2GND Ground Pin: Internally connected to the die attach flag to decrease the total thermal resistance and increase the package ability to dissipate power. 3 Bypass Bypass Pin: Bypass with 0.1 µF to improve the VREF thermal noise performances. 4 OUT Output port 5 IN Input port |
同様の部品番号 - LK112SXX20 |
|
同様の説明 - LK112SXX20 |