データシートサーチシステム |
|
M27W201-100N6TR データシート(PDF) 8 Page - STMicroelectronics |
|
M27W201-100N6TR データシート(HTML) 8 Page - STMicroelectronics |
8 / 24 page Device Description M27W201 8/24 2 Device Description The operating modes of the M27W201 are listed in the Operating Modes table. A single power supply is required in the read mode. All inputs are TTL levels except for VPP and 12V on A9 for Electronic Signature. Table 1. Operating Modes Note: X = V IH or VIL, VID = 12V ± 0.5V. 2.1 Read mode The M27W201 has two control functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV. 2.2 Standby mode The M27W201 has a standby mode which reduces the supply current from 15mA to 15µA with low voltage operation VCC ≤ 3.6V, see Read Mode DC Characteristics table for details.The M27W201 is placed in the standby mode by applying a CMOS high signal to the E input. When in the standby mode, the outputs are in a high impedance state, independent of the G input. Table 2. Operating modes Mode E G P A9 VPP Q7-Q0 Read VIL VIL XX VCC or VSS Data Out Output Disable VIL VIH XX VCC or VSS Hi-Z Program VIL VIH VIL Pulse X VPP Data In Verify VIL VIL VIH XVPP Data Out Program Inhibit VIH XX X VPP Hi-Z Standby VIH XX X VCC or VSS Hi-Z Electronic Signature VIL VIL VIH VID VCC Codes |
同様の部品番号 - M27W201-100N6TR |
|
同様の説明 - M27W201-100N6TR |